Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHW24D24-40-HS1 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DHW24D24-40-HS1
Description  40 Watts DC/DC Power Converter Single & Dual Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DHW24D24-40-HS1 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DHW24D24-40-HS1 Datasheet HTML 1Page - Wall Industries,Inc. DHW24D24-40-HS1 Datasheet HTML 2Page - Wall Industries,Inc. DHW24D24-40-HS1 Datasheet HTML 3Page - Wall Industries,Inc. DHW24D24-40-HS1 Datasheet HTML 4Page - Wall Industries,Inc. DHW24D24-40-HS1 Datasheet HTML 5Page - Wall Industries,Inc. DHW24D24-40-HS1 Datasheet HTML 6Page - Wall Industries,Inc. DHW24D24-40-HS1 Datasheet HTML 7Page - Wall Industries,Inc. DHW24D24-40-HS1 Datasheet HTML 8Page - Wall Industries,Inc. DHW24D24-40-HS1 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev B
DHW40 SERIES
40 Watts
DC/DC Power Converter
Single & Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 12
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
(Without Heatsink)
Natural Convection,
Nomina Vin, Load 100%
Inom
DHW24S3.3-26, DHW48S3.3-26
-40
66
ºC
DHW24S05-40, DHW48S05-40,
DHW48S12-40, DHW48S15-40
-40
51
DHW24S12-40, DHW24S15-40
-40
45
DHW24S24-40, DHW48S24-40
-40
57
DHW24D12-40, DHW24D15-40,
DHW48D12-40, DHW48D15-40
-40
40
Operating Ambient Temperature (With
Heatsink)
Natural Convection,
Nomina Vin, Load 100%
Inom
DHW24S3.3-26, DHW48S3.3-26
-40
73
ºC
DHW24S05-40, DHW48S05-40,
DHW48S12-40, DHW48S15-40
-40
61
DHW24S12-40, DHW24S15-40
-40
57
DHW24S24-40, DHW48S24-40
-40
66
DHW24D12-40, DHW24D15-40,
DHW48D12-40, DHW48D15-40
-40
52
Storage Temperature
-50
+125
ºC
Thermal Impedance (Without Heatsink)
Natural Convection
12.0
ºC/W
100LFM
9.0
200LFM
8.0
400LFM
6.0
Thermal Impedance (With Heatsink)
Natural Convection
10.0
ºC/W
100LFM
5.4
200LFM
4.5
400LFM
3.0
Relative Humidity
Non-Condensing
95
%RH
Case Temperature
+105
ºC
Cooling(4)
Natural Convection.
Lead Temperature
1.5mm from case for 10Sec
260
ºC
MTBF
MIL-HDBK-217F @25ºC, Ground Benign
328,000
Hours
SAFETY CHARACTERISTICS
Safety Approvals
UL/cUL 60950-1 Recognition (CSA Certificate)
IEC/EN 60950-1 (CB-Report)
EMI
Conduction
EN55032, FCC Part 15
Class A
EMS
EN55024
ESD
EN61000-4-2 Air±8kV, Contact ±6kV
A
Radiated Immunity
EN61000-4-3 10V/m
A
Fast Transient
EN61000-4-4 ±2kV(5)
A
Surge
EN61000-4-5 ±1kV(5)
A
Conducted Immunity
EN61000-4-6 10Vrms
A
PFMF
EN61000-4-8 3A/m
A
NOTES
1.
Heatsink is available for models. Add “HS1” to model name for 24V model heatsink, or “HS” for other models.
2.
Ripple & Noise measurement with a 1µF M/C and a 10µF T/C.
3.
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
4.
Natural convection is about 20LFM but is not equal to still air (0 LFM).
5.
To meet EN61000-4-4 & EN61000-4-5 an external capacitor across the input pins is required. Suggested capacitor: 330µF/100V.
6.
It is recommended to protect the converter by a slow blow fuse in the input supply line.
7.
Other input and output voltages may be available, please contact factory.
8.
Do not exceed maximum power specification when adjusting output voltage.
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - DHW24D24-40-HS1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DHW24S12-50 WALL-DHW24S12-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW24S15-50 WALL-DHW24S15-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW24S24-50 WALL-DHW24S24-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW24S3.3-33 WALL-DHW24S3.3-33 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW24S5-50 WALL-DHW24S5-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
More results

Similar Description - DHW24D24-40-HS1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Wall Industries,Inc.
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com