Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5435A-063 Datasheet(PDF) 8 Page - Keysight Technologies

Part # N5435A-063
Description  Infiniium V-Series Oscilloscopes
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5435A-063 Datasheet(HTML) 8 Page - Keysight Technologies

Back Button N5435A-063 Datasheet HTML 4Page - Keysight Technologies N5435A-063 Datasheet HTML 5Page - Keysight Technologies N5435A-063 Datasheet HTML 6Page - Keysight Technologies N5435A-063 Datasheet HTML 7Page - Keysight Technologies N5435A-063 Datasheet HTML 8Page - Keysight Technologies N5435A-063 Datasheet HTML 9Page - Keysight Technologies N5435A-063 Datasheet HTML 10Page - Keysight Technologies N5435A-063 Datasheet HTML 11Page - Keysight Technologies N5435A-063 Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
08 | Keysight | Infiniium V-Series Oscilloscopes - Data Sheet
Groundbreaking oscilloscope technology for highest measurement accuracy
Whether you are deploying emerging high-speed bus technology, identifying spectral content of wideband RF signals or analyzing
transient physical phenomena, you need the truest representation of your signal under test� Keysight invests in leading-edge
technology to bring you the highest real-time oscilloscope measurement accuracy available today�
Indium Phosphide Integrated Circuits�
Front-end multi-chip module�
Acquisition board�
Industry’s Best Signal Integrity
Keysight utilizes a proprietary Indium Phosphide (InP) integrated
circuit process to design the key technology blocks to deliver
high-bandwidth performance, ultra-low noise and high-voltage
signal input� This process is used in the pre-amplifier, trigger,
sampling, ADC and probe amplifier integrated circuit design� Not
only does this mean you are purchasing the best oscilloscope
on the market today, but you can also count on technology
leadership from Keysight in the future�
Infiniium V-Series’ front-end multi-chip module integrates the
pre-amplifier, trigger and sampling technology blocks using
a proprietary cutting-edge packaging technology� Based on
fine-line microcircuit processes and extensive experience with RF
design, Keysight developed a front-end that provides excellent
high-frequency electrical properties along with superior heat
dissipation� The unique technology includes a quasi-coaxial
path in the packaging to ensure signal shielding and delivers
a high-speed clock to the sampler chip for the most accurate
sampling time base�
All technology blocks, including the front-end, analog-to-
digital converter (ADC), memory controller, digital channels
and hardware serial trigger, are meticulously laid out on the
acquisition board with outstanding noise and coupling isolation�
Time scale accuracy of 0�1 parts per million after calibration is
achieved through precise clock synchronization and distribution,
as well as the use of a 10-MHz oven-controlled crystal oscillator
(OCXO) with ± 0�1 ppm of accuracy�


Similar Part No. - N5435A-063

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5435A-003 KEYSIGHT-N5435A-003 Datasheet
2Mb / 15P
   MIPI D-PHY Conformance Test Software
N5435A-022 KEYSIGHT-N5435A-022 Datasheet
2Mb / 15P
   MIPI D-PHY Conformance Test Software
N5435A-085 KEYSIGHT-N5435A-085 Datasheet
2Mb / 11P
   MultiScope Application
N5435A-086 KEYSIGHT-N5435A-086 Datasheet
2Mb / 11P
   MultiScope Application
N5435A-090 KEYSIGHT-N5435A-090 Datasheet
2Mb / 11P
   MultiScope Application
More results

Similar Description - N5435A-063

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
N5393E KEYSIGHT-N5393E Datasheet
3Mb / 25P
   Infiniium Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ594A KEYSIGHT-DSAZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ334A KEYSIGHT-DSOZ334A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ504A KEYSIGHT-DSOZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com