Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHW48D15-40-HS1 Datasheet(PDF) 9 Page - Wall Industries,Inc.

Part # DHW48D15-40-HS1
Description  40 Watts DC/DC Power Converter Single & Dual Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DHW48D15-40-HS1 Datasheet(HTML) 9 Page - Wall Industries,Inc.

Back Button DHW48D15-40-HS1 Datasheet HTML 4Page - Wall Industries,Inc. DHW48D15-40-HS1 Datasheet HTML 5Page - Wall Industries,Inc. DHW48D15-40-HS1 Datasheet HTML 6Page - Wall Industries,Inc. DHW48D15-40-HS1 Datasheet HTML 7Page - Wall Industries,Inc. DHW48D15-40-HS1 Datasheet HTML 8Page - Wall Industries,Inc. DHW48D15-40-HS1 Datasheet HTML 9Page - Wall Industries,Inc. DHW48D15-40-HS1 Datasheet HTML 10Page - Wall Industries,Inc. DHW48D15-40-HS1 Datasheet HTML 11Page - Wall Industries,Inc. DHW48D15-40-HS1 Datasheet HTML 12Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Rev B
DHW40 SERIES
40 Watts
DC/DC Power Converter
Single & Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 9 of 12
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed using the method shown below:
3.3VDC Models
Trim Down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
72.61
32.55
19.20
12.52
8.51
5.84
3.94
2.51
1.39
0.50
KOhms
Trim Up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
60.84
27.40
16.25
10.68
7.34
5.11
3.51
2.32
1.39
0.65
KOhms
5VDC Models
Trim Down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
138.88
62.41
36.92
24.18
16.53
11.44
7.79
5.06
2.94
1.24
KOhms
Trim Up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
106.87
47.76
28.06
18.21
12.30
8.36
5.55
3.44
1.79
0.48
KOhms
12VDC Models
Trim Down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
413.55
184.55
108.22
70.05
47.15
31.88
20.98
12.80
6.44
1.35
KOhms
Trim Down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Rd=
351.00
157.50
93.00
60.75
14.40
28.50
19.29
12.37
7.00
2.70
KOhms
15VDC Models
Trim Down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
530.73
238.61
141.24
92.56
63.35
43.87
29.96
19.53
11.41
4.92
KOhms
Trim Down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Rd=
422.77
189.89
112.26
73.44
50.15
34.63
23.54
15.22
8.75
3.58
KOhms
24VDC Models
Trim Down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
333.39
148.80
87.26
56.50
38.04
25.73
16.94
10.35
5.22
1.12
KOhms
Trim Down
2
4
6
8
10
12
14
16
18
20
%
Vout=
Vox1.02
Vox1.04
Vox1.06
Vox1.08
Vox1.1
Vix1.12
Vox1.14
Vox1.16
Vox1.18
Vox1.2
Volts
Rd=
243.70
108.50
63.43
40.90
27.38
18.37
11.93
7.10
3.34
0.34
KOhms


Similar Part No. - DHW48D15-40-HS1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DHW48S12-50 WALL-DHW48S12-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW48S15-50 WALL-DHW48S15-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW48S24-50 WALL-DHW48S24-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW48S3.3-33 WALL-DHW48S3.3-33 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW48S5-50 WALL-DHW48S5-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
More results

Similar Description - DHW48D15-40-HS1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Wall Industries,Inc.
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com