Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHW24D15-40-HS1 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DHW24D15-40-HS1
Description  40 Watts DC/DC Power Converter Single & Dual Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DHW24D15-40-HS1 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DHW24D15-40-HS1 Datasheet HTML 1Page - Wall Industries,Inc. DHW24D15-40-HS1 Datasheet HTML 2Page - Wall Industries,Inc. DHW24D15-40-HS1 Datasheet HTML 3Page - Wall Industries,Inc. DHW24D15-40-HS1 Datasheet HTML 4Page - Wall Industries,Inc. DHW24D15-40-HS1 Datasheet HTML 5Page - Wall Industries,Inc. DHW24D15-40-HS1 Datasheet HTML 6Page - Wall Industries,Inc. DHW24D15-40-HS1 Datasheet HTML 7Page - Wall Industries,Inc. DHW24D15-40-HS1 Datasheet HTML 8Page - Wall Industries,Inc. DHW24D15-40-HS1 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev B
DHW40 SERIES
40 Watts
DC/DC Power Converter
Single & Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 12
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, Resistive Load and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24VDC Nominal Input Models
9
24
36
VDC
48VDC Nominal Input Models
18
48
75
Input Surge Voltage (100ms Max.)
24VDC Nominal Input Models
-0.7
50
VDC
48VDC Nominal Input Models
-0.7
100
Start-Up Threshold Voltage
24VDC Nominal Input Models
9
VDC
48VDC Nominal Input Models
18
Under Voltage Lockout
24VDC Nominal Input Models
8.3
VDC
48VDC Nominal Input Models
16.5
Input Filter
All models
Internal LC Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±1.0
%Vnom
Line Regulation
Vin=Min. to Max. @Full Load
±0.5
%
Load Regulation
Min. Load to Full Load
Single Outputs
±0.5
%
Dual Outputs
±1.0
Voltage Balance
Dual Outputs, Balanced Loads
±2.0
%
Load Cross Regulation
Dual Outputs, Asymmetrical Load 25%/100% Full Load
±5.0
%
Trim Up/Down Range
% of Nominal Output Voltage
24V Models
-10
+20
%
Other Models
±10
Output Power
See Table
Output Current
See Table
Minimum Load
Single Output Models
No Minimum Load Requirement
Dual Output Models
See Table
Maximum Capacitive Load
See Table
Ripple & Noise (20MHz bandwidth)(2) 0-20MHz Bandwidth
3.3V & 5V
100
mVp-p
12V, 15V, & 24V Models
150
Dual Output Models
150
Transient Recovery Time(3)
25% Load Step Change
250
µsec
Transient Response Deviation
25% Load Step Change
±3
±5
%
Start-Up Time (Power On)
Nominal Vin and Constant Resistive Load
30
ms
Temperature Coefficient
±0.02
%/ºC
REMOTE ON/OFF CONTROL
Converter On
3.5~12V or Open Circuit
Converter Off
0V~1.2V or Short Circuit
Control Input Current
On, Vctrl=5.0V
0.5
mA
Off, Vctrl=0V
-0.5
Control Common
Referenced to Negative Input
Remote OFF Input Current
Nominal Vin
2.5
mA
PROTECTION
Short Circuit Protection
24V Output Model
0.3Hz Typ. Automatic Recovery
Others
Hiccup Mode 1.5Hz Typ.
Over Load Protection
Hiccup
Circuit Limitation at 150% typ. of Iout max.
Over Voltage Protection
See Table
Over Temperature Protection
Shutdown Temperature
+110
ºC
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
24V Models
285
KHz
Other Models
320
Isolation Voltage
60 Seconds
1500
VDC
1 Second
1800
Isolation Resistance
500VDC
1000
M
Isolation Capacitance
100KHz, 1V
1500
PHYSICAL SPECIFICATIONS
Weight
1.06oz (30g)
Dimensions (L x W x H)
24V Models
2in x 1in x 0.43in (50.8mm x 25.4mm x 11mm)
Others
2in x 1in x 0.40in (50.8mm x 25.4mm x 10.2mm)
Case Material
Aluminum Alloy, Black Anodized Coating
Base Material
FR4 PCB (Flammability to UL 94V-0 Rated)
Pin Material
Copper Alloy w/ Gold Plate Over Nickel Subplate
RFI
Six-Sided Shielded, Metal Case


Similar Part No. - DHW24D15-40-HS1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DHW24S12-50 WALL-DHW24S12-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW24S15-50 WALL-DHW24S15-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW24S24-50 WALL-DHW24S24-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW24S3.3-33 WALL-DHW24S3.3-33 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW24S5-50 WALL-DHW24S5-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
More results

Similar Description - DHW24D15-40-HS1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Wall Industries,Inc.
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com