Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHW24S12-40-HS1 Datasheet(PDF) 10 Page - Wall Industries,Inc.

Part # DHW24S12-40-HS1
Description  40 Watts DC/DC Power Converter Single & Dual Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DHW24S12-40-HS1 Datasheet(HTML) 10 Page - Wall Industries,Inc.

Back Button DHW24S12-40-HS1 Datasheet HTML 4Page - Wall Industries,Inc. DHW24S12-40-HS1 Datasheet HTML 5Page - Wall Industries,Inc. DHW24S12-40-HS1 Datasheet HTML 6Page - Wall Industries,Inc. DHW24S12-40-HS1 Datasheet HTML 7Page - Wall Industries,Inc. DHW24S12-40-HS1 Datasheet HTML 8Page - Wall Industries,Inc. DHW24S12-40-HS1 Datasheet HTML 9Page - Wall Industries,Inc. DHW24S12-40-HS1 Datasheet HTML 10Page - Wall Industries,Inc. DHW24S12-40-HS1 Datasheet HTML 11Page - Wall Industries,Inc. DHW24S12-40-HS1 Datasheet HTML 12Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Rev B
DHW40 SERIES
40 Watts
DC/DC Power Converter
Single & Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 10 of 12
TEST SETUP
Input Reflected-Ripple Current Test Setup
Input reflected ripple-current is measured with an inductor Lin (4.7µH) and Cin (220µF, ESR < 1.0
Ω at 100KHz) to simulate source impedance.
Capacitor Cin, offsets possible battery impedance. Current ripple is measured at the input terminals of the module, measurement bandwidth is 0-
500KHz.
Peak-to-Peak Output Noise Measurement Test
Use a 1µF ceramic capacitor and a 10µF tantalum capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is
0-20MHz. Position the load between 50mm and 75mm from the DC/DC converter.
TECHNICAL NOTES
Remote On/Off
Positive logic remote on/off turns the module on during a logic high voltage on the remote on/off pin, and off during a logic low. To turn the power module
on and off, the user must supply a switch to control the voltage between the on/off terminal and the –Vin terminal. The switch can be an open collector or
equivalent. A logic low is 0V to 1.2V. A logic high is 4.7V to 12V. The maximum sink current at the on/off terminal (Pin 3) during a logic low is -100µA.
The maximum allowable leakage current of a switch connected to the on/off terminal (Pin 3) at logic high (2.5V to 100V) is 5µA.
Over Load Protection
To provide hiccup mode protection in a fault (output over load) condition, the unit is equipped with internal current limiting circuitry and can endure
overload for an unlimited duration.
Over Voltage Protection
The output over voltage clamp consists of control circuitry, which is independent of the primary regulation loop that monitors the voltage on the output
terminals. The control loop of the clamp has a higher voltage set point than the primary loop. This provides a redundant voltage control that reduces the
risk of output overvoltage. The OVP level can be found in data sheet.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power
module. In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure
startup. Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low Equivalent Series
Resistance (ESR<1.0
Ω at 100KHz) capacitor of a 10µF for the 24V and 48V devices.


Similar Part No. - DHW24S12-40-HS1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DHW24S12-50 WALL-DHW24S12-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
More results

Similar Description - DHW24S12-40-HS1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Wall Industries,Inc.
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com