Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2221C Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ST2221C
Description  16 BIT CONSTANT CURRENT LED DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2221C Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ST2221C Datasheet HTML 3Page - List of Unclassifed Manufacturers ST2221C Datasheet HTML 4Page - List of Unclassifed Manufacturers ST2221C Datasheet HTML 5Page - List of Unclassifed Manufacturers ST2221C Datasheet HTML 6Page - List of Unclassifed Manufacturers ST2221C Datasheet HTML 7Page - List of Unclassifed Manufacturers ST2221C Datasheet HTML 8Page - List of Unclassifed Manufacturers ST2221C Datasheet HTML 9Page - List of Unclassifed Manufacturers ST2221C Datasheet HTML 10Page - List of Unclassifed Manufacturers ST2221C Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ST2221C
16-Bit Constant Current LED Drivers
-6-
Version:1.01
Electrical Characteristics (VDD = 5.0 V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX. UNIT
Input Voltage “H” Level
VIH
¾
0.7VDD
¾
VDD
Input Voltage “L” Level
VIL
¾
GND
¾
0.3VDD
V
Output Leakage Current
IOH
VOH = 9.5 V
¾
¾
1.0
uA
VOL
IOL = 1.0 mA
¾
¾
0.4
Output Voltage ( S - OUT)
VOH
IOH = -1.0 mA
4.6
¾
¾
V
IOL1
VOUT = 0.7
±0.25V
REXT = 910
W
¾
3
6
Output Current (Bit-Bit)
IOL2
VOUT = 0.7
±0.25V
REXT = 360
W
¾
3
6
IOL3
VOUT = 0.7V REXT = 910W
¾
5
10
Output Current (Chip-Chip)
IOL4
VOUT = 0.7V REXT = 360
W
¾
5
10
%
Supply Voltage Regulation
% / VDD REXT = 470W, Ta = -40 ~ 85°C
¾
1.5
5.0
% / V
Pull-Up Resistor
RIN(up)
¾
150
300
600
KW
Pull-Down Resistor
RIN(down)
¾
100
200
400
K
W
IDD(off)1 REXT = OPEN, OUT0~7 = off
¾
0.3
0.6
IDD(0ff)2 REXT = 470
W, OUT0~7 = off
3.9
5.5
7.7
Supply Current “OFF”
IDD(off)3 REXT = 250
W, OUT0~7 = off
7.2
10.1
14.1
IDD(on)1 REXT = 470W, OUT0~7 = on
3.9
5.5
7.7
Supply Current “ON”
IDD(on)2 REXT = 250
W, OUT0~7 = on
7.2
10.1
14.1
mA
Switching Characteristics (Ta = 25 °C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
SIN-OUTn
¾
150
300
LATCH-OUTn
¾
150
300
ENABLE-OUTn
¾
150
300
Propagation
Delay Time
(“L” to “H”)
CLK-SOUT
tpLH
¾
15
20
ns
SIN-OUTn
¾
30
60
LATCH-OUTn
¾
30
60
ENABLE-OUTn
¾
30
60
Propagation
Delay Time
(“H” to “L”)
CLK-SOUT
tpHL
¾
15
20
ns
Output Current Rise Time
tor
¾
170
340
ns
Output Current Fall Time
tof
VDD=5.0V
VIH=VDD
VIL=GND
REXT=470
W1
VL=3.0V
RL=65W
CL=13pF
¾
20
40
ns
1 Delay time tpLH and Rise Time tor will both increase as the Rext value increased.


Similar Part No. - ST2221C

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
ST2221C SITI-ST2221C Datasheet
217Kb / 17P
   5V CMOS Compatible Input
More results

Similar Description - ST2221C

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com