Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCQAW100-24S12RH2 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCQAW100-24S12RH2
Description  Up to 90 Watts, Quarter-Brick DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQAW100-24S12RH2 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCQAW100-24S12RH2 Datasheet HTML 1Page - Wall Industries,Inc. DCQAW100-24S12RH2 Datasheet HTML 2Page - Wall Industries,Inc. DCQAW100-24S12RH2 Datasheet HTML 3Page - Wall Industries,Inc. DCQAW100-24S12RH2 Datasheet HTML 4Page - Wall Industries,Inc. DCQAW100-24S12RH2 Datasheet HTML 5Page - Wall Industries,Inc. DCQAW100-24S12RH2 Datasheet HTML 6Page - Wall Industries,Inc. DCQAW100-24S12RH2 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev D
DCQAW100 SERIES
Up to 90 Watts, Quarter-Brick DC/DC Converters
09/18/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 7
MECHANICAL DRAWING
PIN
DEFINE
DIAMETER
1
- Vin
0.04 Inch
2
Ctrl
0.04 Inch
3
+ Vin
0.04 Inch
4
- Vout
0.06 Inch
5
- Sense
0.04 Inch
6
Trim
0.04 Inch
7
+ Sense
0.04 Inch
8
+ Vout
0.06 Inch
Notes:
1. All dimensions in inch [mm]
2. Tolerance :x.xx±0.02 [x.x±0.5]
x.xxx±0.01 [x.xx±0.25]
3. Pin pitch tolerance ±0.01 [0.25]
4. Pin dimension tolerance ±0.004[0.10]
5. The screw locked torque:MAX 3.5kgf-cm [0.34N-m]
RECOMMENDED PAD LAYOUT
Notes:
All dimensions in inch[mm]
Pad size(lead free recommended)
Through hole 1.2.3.5.6.7:
∅0.051[1.30]
Through hole 4.8:
∅0.075[1.90]
Through hole of mounting:
∅0.126[3.20]
Top view pad 1.2.3.5.6.7:
∅0.064[1.63]
Top view pad 4.8:
∅0.094[2.38]
Top
view
pad
of
mounting:Groove
R0.065[1.65]L0.157[4.00]
Bottom view pad 1.2.3.5.6.7:
∅0.102[2.60]
Bottom view pad 8:
∅0.150[3.80]
Bottom view pad 4:
∅0.130[3.30]
Bottom view pad of mounting:Groove
R0.065[1.65]L0.252[6.40]


Similar Part No. - DCQAW100-24S12RH2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQAW150-110S05 WALL-DCQAW150-110S05 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQAW150-110S05RH WALL-DCQAW150-110S05RH Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQAW150-110S05RH1 WALL-DCQAW150-110S05RH1 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQAW150-110S05RH2 WALL-DCQAW150-110S05RH2 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
More results

Similar Description - DCQAW100-24S12RH2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
MPQ WALL-MPQ Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
   Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com