Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHW48D24-26-HS1 Datasheet(PDF) 8 Page - Wall Industries,Inc.

Part # DHW48D24-26-HS1
Description  40 Watts DC/DC Power Converter Single & Dual Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DHW48D24-26-HS1 Datasheet(HTML) 8 Page - Wall Industries,Inc.

Back Button DHW48D24-26-HS1 Datasheet HTML 4Page - Wall Industries,Inc. DHW48D24-26-HS1 Datasheet HTML 5Page - Wall Industries,Inc. DHW48D24-26-HS1 Datasheet HTML 6Page - Wall Industries,Inc. DHW48D24-26-HS1 Datasheet HTML 7Page - Wall Industries,Inc. DHW48D24-26-HS1 Datasheet HTML 8Page - Wall Industries,Inc. DHW48D24-26-HS1 Datasheet HTML 9Page - Wall Industries,Inc. DHW48D24-26-HS1 Datasheet HTML 10Page - Wall Industries,Inc. DHW48D24-26-HS1 Datasheet HTML 11Page - Wall Industries,Inc. DHW48D24-26-HS1 Datasheet HTML 12Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Rev B
DHW40 SERIES
40 Watts
DC/DC Power Converter
Single & Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 8 of 12
MECHANICAL DRAWINGS
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
3
Remote On/Off
Remote On/Off
4
+Vout
+Vout
5
-Vout
Common
6
Trim
-Vout
T: 11mm (0.43in) for 24V Output Models
T: (10.2mm (0.40in) for Other Output Models
Notes:
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 (X.XXX±0.005)
Pin Diameter Ø 1.0±0.05 (0.04±0.002)
Heatsink Option (-HS or -HS1 Suffix)
Physical Characteristics
Heatsink Material: Aluminum
Finish: Black Anodized Coating
T: 18.0mm (0.71in) for 24V Output Models
T: 17.2mm (0.68in) for Other Output Models
The advantages of adding heatsink are:
1. Improve heat dissipation and increase stability and
reliability of the DC/DC converters at high operating
temperatures.
2. To increase operating temperature of the DC/DC
converter, see derating curve.


Similar Part No. - DHW48D24-26-HS1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DHW48S12-50 WALL-DHW48S12-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW48S15-50 WALL-DHW48S15-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW48S24-50 WALL-DHW48S24-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW48S3.3-33 WALL-DHW48S3.3-33 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW48S5-50 WALL-DHW48S5-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
More results

Similar Description - DHW48D24-26-HS1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Wall Industries,Inc.
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com