Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCQA150-48S48RH1 Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # DCQA150-48S48RH1
Description  Up to 150 Watts, Quarter-Brick DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQA150-48S48RH1 Datasheet(HTML) 7 Page - Wall Industries,Inc.

  DCQA150-48S48RH1 Datasheet HTML 1Page - Wall Industries,Inc. DCQA150-48S48RH1 Datasheet HTML 2Page - Wall Industries,Inc. DCQA150-48S48RH1 Datasheet HTML 3Page - Wall Industries,Inc. DCQA150-48S48RH1 Datasheet HTML 4Page - Wall Industries,Inc. DCQA150-48S48RH1 Datasheet HTML 5Page - Wall Industries,Inc. DCQA150-48S48RH1 Datasheet HTML 6Page - Wall Industries,Inc. DCQA150-48S48RH1 Datasheet HTML 7Page - Wall Industries,Inc. DCQA150-48S48RH1 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev C
DCQA150 SERIES
Up to 150 Watts, Quarter-Brick DC/DC
Converters
11/14/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 8
FUSE CONSIDERATION
This power module is not internally fused. An input line fuse must always be used.
This encapsulated power module can be used in a wide variety of applications, ranging from simple stand-alone operation to an integrated part of
sophisticated power architecture.
To maximum flexibility, internal fusing is not included; however, to achieve maximum safety and system protection, always use an input line fuse.
Suggested input line fuses are below:
Model
Fuse Rating
Fuse Type
12VDC nominal input models
25A
Fast-Acting
24VDC nominal input models
12A
Fast-Acting
48VDC nominal input models
8A
Fast-Acting
THERMAL CONSIDERATIONS
This power module operates in a variety of thermal environments. Sufficient cooling should be provided to help ensure reliable operation of the unit.
Heat is removed by conduction, convection, and radiation to the surrounding environment.
Proper cooling can be verified by measuring the point in the figure below.
The temperature at this location should not exceed 105ºC.
When operating, adequate cooling must be provided to maintain the test point temperature at or below 105ºC.
Although the maximum point temperature of the power modules is 105ºC, you can limit this temperature to a lower value for extremely high reliability.
■ Thermal test condition with vertical direction by natural convection (20LFM)
■ The iron base-plate dimension is 19” x 3.5” x 0.063” (the height is EIA standard 2U)
■ The heat-sink is optional and P/N: 7G-0029B-F, 7G-0030B-F, 7G-031B-F, 7G-0032B-F
BASE PLATE
MODEL NUMBER SETUP
DCQA
150
-
48
S
05
R
H (1)
Series Name
Output Power
Input Voltage
Output Quantity
Output Voltage
Remote ON/OFF
Hole Thread & Heatsink Options
150:
150
Watts
12: 8.5~22 VDC
S: Single Output
33: 3.3 VDC
None: Positive Logic
None:
M3x0.5 Threaded-thru
Inserts
24: 16.5~36 VDC
05: 5 VDC
R: Negative Logic
TH: Ø.126 Thru-hole Inserts (1)
48: 33~75 VDC
12: 12 VDC
H: 0.24” Horizontal Heatsink
15: 15 VDC
H1: 0.5” Horizontal Heatsink
24: 24 VDC
H2: 0.24” Vertical Heatsink
30: 30 VDC
H3: 0.5” Vertical Heatsink
48: 48 VDC
(1) Models with thru-hole inserts cannot be equipped with a heatsink.


Similar Part No. - DCQA150-48S48RH1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05 WALL-DCQA100-12S05 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05RH WALL-DCQA100-12S05RH Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05RH1 WALL-DCQA100-12S05RH1 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05RH2 WALL-DCQA100-12S05RH2 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
More results

Similar Description - DCQA150-48S48RH1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MPQ WALL-MPQ Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQAW100 WALL-DCQAW100 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
   Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com