Electronic Components Datasheet Search |
|
N8825A-1TP Datasheet(PDF) 11 Page - Keysight Technologies |
|
N8825A-1TP Datasheet(HTML) 11 Page - Keysight Technologies |
11 / 47 page 11 | Keysight | Infiniium V-Series Oscilloscopes - Data Sheet Industry’s Leading Hardware Serial Trigger Challenges identifying and debugging high-speed serial buses In today’s high-speed serial application debug, it is not always easy to find errors that happen rarely or occasionally� Conventional oscilloscopes usually have limitations because of the long dead time between acquisitions, which cause infrequent errors or events to be missed� Furthermore, it is becoming more difficult to identify and debug the root cause of design problems, whether it is physical or protocol layer related� Industry’s longest 160-bit sequence and sixteen- 8b/10b symbols hardware serial trigger The Infiniium V-Series’ 12�5 Gb/s hardware serial trigger with the industry’s longest 160-bit sequence provides an effective event trigger to find and debug the most challenging problems in your design� You can specify to trigger on bit 1 (high), 0 (low) and X (don’t care) conditions when searching for a specific event� The 160-bit sequence length is critical to trigger at the longest symbol in an application such as USB 3�1 and PCI Express® Gen 3 symbols that are 132-bit and 130-bit long� If the trigger bit sequence is insufficient, you will not be able to reliably trigger on an event you want to identify, making the debug process more challenging� The hardware serial trigger also provides 8b/10b triggering of up to 16 symbols of “K” and “D” codes� Since the 8b/10b symbols can be transmitted with either disparity to maintain the DC-balanced on the line, the hardware serial trigger is designed to trigger on both disparities so you do not miss an event� In additional, the V-Series can decode the data packet at the application level such as PCIe Gen 3, USB 3�0 and SATA packets, providing deeper protocol insight into the application� When there is an error, you can now go in and debug the issue whether it is related to the physical layer, where the signal integrity is corrupted, or protocol layer, where the data is incorrectly transmitted� V-Series’ hardware serial trigger finds a PCI Express Gen 3 compliance ordered set symbol that is 130-bit long (PCIe Gen 3 uses 128b/130b encoding)� The V-Series’ 8b/10b hardware triggers at 16 “K” and “D” symbols of the SATA signal� The software protocol decoder further decodes the symbols into higher-level data packets such as the SATA ALIGN packets� |
Similar Part No. - N8825A-1TP |
|
Similar Description - N8825A-1TP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |