Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2764BU-062 Datasheet(PDF) 8 Page - Keysight Technologies

Part # N2764BU-062
Description  Infiniium Z-Series Oscilloscopes
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-062 Datasheet(HTML) 8 Page - Keysight Technologies

Back Button N2764BU-062 Datasheet HTML 4Page - Keysight Technologies N2764BU-062 Datasheet HTML 5Page - Keysight Technologies N2764BU-062 Datasheet HTML 6Page - Keysight Technologies N2764BU-062 Datasheet HTML 7Page - Keysight Technologies N2764BU-062 Datasheet HTML 8Page - Keysight Technologies N2764BU-062 Datasheet HTML 9Page - Keysight Technologies N2764BU-062 Datasheet HTML 10Page - Keysight Technologies N2764BU-062 Datasheet HTML 11Page - Keysight Technologies N2764BU-062 Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
08 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
You need to be able to maximize
your margins by removing the
effects of cables and fixtures
As bandwidths continue to increase and
cable loss becomes more and more of a
problem, the Z-Series has the technology
to solve this issue. The Z-Series
oscilloscopes offer award-winning
PrecisionProbe Advanced technology.
You no longer need to ignore cable
loss because you are short on time or
budget. Using PrecisionProbe Advanced
technology, you can characterize cables
as fast as 63 GHz and remove the loss
they create. PrecisionProbe Advanced
technology gives you one of the world’s
fastest edges at less than 5 ps and
uses this edge to perform a TDT on
your cable. Based on the loss of your
cable, PrecisionProbe Advanced then
compensates your measurement system,
gaining back valuable margin typically lost
in cables.
You need to test multiple lanes
automatically and still maximize
margins
The Z-Series features many compliance
applications, which provide full automation
of any switch connected to your system.
The software is fully compatible with
PrecisionProbe Advanced compensation,
which allows you to characterize every
input using only your Z-Series oscilloscope
and then seamlessly automate every
measurement in your compliance
application. Save valuable time and
resources in such technologies as
DisplayPort and PCI Express® Gen3.
By analyzing cables you can increase your margins by removing insertion loss caused by cables.
The Network Analyzer — Time-Domain Transmission (TDT)


Similar Part No. - N2764BU-062

ManufacturerPart #DatasheetDescription
logo
EPCOS
N27 EPCOS-N27 Datasheet
264Kb / 7P
   Ferrites and accessories
logo
Intel Corporation
N270 INTEL-N270 Datasheet
552Kb / 57P
   Mobile Intel Atom Processor N270 Single Core
logo
Tripp Lite. All Rights ...
N272-003-WH TRIPPLITE-N272-003-WH Datasheet
166Kb / 3P
   Cat8 25G/40G-Certified Snagless S/FTP Ethernet Cable (RJ45 M/M), PoE, White, 3 ft.
N272-006-WH TRIPPLITE-N272-006-WH Datasheet
166Kb / 3P
   Cat8 25G/40G-Certified Snagless S/FTP Ethernet Cable (RJ45 M/M), PoE, White, 6 ft.
N272-010-WH TRIPPLITE-N272-010-WH Datasheet
166Kb / 3P
   Cat8 25G/40G-Certified Snagless S/FTP Ethernet Cable (RJ45 M/M), PoE, White, 10 ft.
More results

Similar Description - N2764BU-062

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ594A KEYSIGHT-DSAZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ334A KEYSIGHT-DSOZ334A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ504A KEYSIGHT-DSAZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ592A KEYSIGHT-DSAZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ592A KEYSIGHT-DSOZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ504A KEYSIGHT-DSOZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ634A KEYSIGHT-DSOZ634A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
Z-SERIES KEYSIGHT-Z-SERIES Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com