Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCQAW100-24S05RH1 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCQAW100-24S05RH1
Description  Up to 90 Watts, Quarter-Brick DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQAW100-24S05RH1 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCQAW100-24S05RH1 Datasheet HTML 1Page - Wall Industries,Inc. DCQAW100-24S05RH1 Datasheet HTML 2Page - Wall Industries,Inc. DCQAW100-24S05RH1 Datasheet HTML 3Page - Wall Industries,Inc. DCQAW100-24S05RH1 Datasheet HTML 4Page - Wall Industries,Inc. DCQAW100-24S05RH1 Datasheet HTML 5Page - Wall Industries,Inc. DCQAW100-24S05RH1 Datasheet HTML 6Page - Wall Industries,Inc. DCQAW100-24S05RH1 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev D
DCQAW100 SERIES
Up to 90 Watts, Quarter-Brick DC/DC Converters
09/18/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 7
Size:
2.28 x 1.45 x 0.50 inches
(57.9 x 36.8 x 12.7 mm)
Applications:
Railway Systems
Measurement
Telecom/Datacom
Industry Control Systems
IPC
Automation
Military
FEATURES
Soft Start
Single Outputs
Input Under Voltage Protection
High Efficiency up to 90%
Remote ON/OFF Control
4:1 Ultra Wide Input Voltage Ranges
No Minimum Load Required
Low Stand-by Power Consumption
Industry Standard Quarter-brick Package
Compliant to RoHS II & Reach
Up to 90 Watts Maximum Output Power
2250VDC I/O Basic Insulation
Short Circuit, Over Voltage, Over Load, & Over Temp.
Protection
UL60950-1, EN60950-1, IEC60950-1, EN45545-2 & EN50155
Safety Approvals
CE Marked
Optional Heatsinks Available (Suffix “HS”)
Threaded (Standard) or Thru-Hole (Optional) Inserts Available
Railway Applications
DESCRIPTION
The DCQAW100 series of DC/DC power converters provides up to 90 Watts of output power in a 2.28” x
1.45” x 0.5” industry standard quarter-brick package. This series has single output models with 4:1 wide input
voltage ranges of 8.5-36VDC, 16.5-75VDC, and 40-160VDC. Some features include high efficiency up to
90%, 2250VDC I/O basic insulation, and remote ON/OFF control. These converters are also protected
against input under voltage, short circuit, over voltage, over load, and over temperature conditions. All models
are RoHS compliant and have UL60950-1, EN60950-1, IEC60950-1, EN45545-2 and EN50155 safety
approvals. Several different options are available for this series including negative logic remote ON/OFF,
heatsinks, and thru-hole inserts.
MODEL SELECTION TABLE
Model Number
Input Voltage
Output
Voltage
Output Current
Output
Ripple & Noise
No Load
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
Min Load
Max Load
DCQAW100-24S33
24 VDC
(8.5 - 36 VDC)
3.3 VDC
0mA
25A
75mVp-p
25mA
82.5W
88%
75,000µF
DCQAW100-24S05
5 VDC
0mA
18A
75mVp-p
25mA
90W
89%
36,000µF
DCQAW100-24S12
12 VDC
0mA
7.5A
100mVp-p
25mA
90W
89%
6250µF
DCQAW100-24S15
15 VDC
0mA
6A
100mVp-p
25mA
90W
89%
4000µF
DCQAW100-24S24
24 VDC
0mA
3.7A
200mVp-p
25mA
88.8W
89%
1540µF
DCQAW100-24S30
30 VDC
0mA
3A
200mVp-p
25mA
90W
89%
1000µF
DCQAW100-24S48
48 VDC
0mA
1.8A
300mVp-p
25mA
86.4W
88%
380µF
DCQAW100-48S33
48 VDC
(16.5 - 75 VDC)
3.3 VDC
0mA
25A
75mVp-p
15mA
82.5W
88%
75,000µF
DCQAW100-48S05
5 VDC
0mA
18A
75mVp-p
15mA
90W
89%
36,000µF
DCQAW100-48S12
12 VDC
0mA
7.5A
100mVp-p
15mA
90W
89%
6250µF
DCQAW100-48S15
15 VDC
0mA
6A
100mVp-p
15mA
90W
90%
4000µF
DCQAW100-48S24
24 VDC
0mA
3.7A
200mVp-p
15mA
88.8W
90%
1540µF
DCQAW100-48S30
30 VDC
0mA
3A
200mVp-p
15mA
90W
90%
1000µF
DCQAW100-48S48
48 VDC
0mA
1.8A
300mVp-p
15mA
86.4W
90%
380µF
DCQAW100-110S33
110 VDC
(40 - 160 VDC)
3.3 VDC
0mA
23A
75mVp-p
8mA
75.9W
88%
70,000µF
DCQAW100-110S05
5 VDC
0mA
17A
75mVp-p
8mA
85W
89%
34,000µF
DCQAW100-110S12
12 VDC
0mA
7A
100mVp-p
8mA
84W
89%
5830µF
DCQAW100-110S15
15 VDC
0mA
5.5A
100mVp-p
8mA
82.5W
89%
3670µF
DCQAW100-110S24
24 VDC
0mA
3.5A
200mVp-p
8mA
84W
89%
1460µF
DCQAW100-110S30
30 VDC
0mA
2.8A
200mVp-p
8mA
84W
89%
930µF
DCQAW100-110S48
48 VDC
0mA
1.8A
300mVp-p
8mA
86.4W
89%
380µF
NOTES
1. Input Source Impedance: The power modules will operate to specifications without external components, assuming that the source voltage has very low
impedance and reasonable input voltage regulation. Highly inductive source impedances can affect the stability of the power module. Since real-world
voltage sources have finite impedance, performance is improved by adding an external filter capacitor.
- For 24VDC & 48VDC input models we recommend using Nippon Chemi-con KY series, 100µF/100V.
- For 110VDC input models we recommend using Ruby-con BXF series, 39µF/200V.
2. If remote sense is not being used, sense pins should connect to the output pins with the same polarity.
3. The DCQAW100 series can only meet EMI Class A or Class B with external components added. Please contact factory for more information.
4. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
- For 24VDC & 48VDC input models we recommend 2pcs of aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V
- For 110VDC input models we recommend 3pcs of aluminum electrolytic capacitor (Ruby-con BXF series, 100µF/250V)
5. Both positive logic and negative logic remote ON/OFF control is available. Positive logic remote ON/OFF comes standard; for negative logic remote
ON/OFF add the suffix “R” to the model number (Ex: DCQAW100-48S24R).
6. Optional heatsinks available. See page 5 for ordering details.
7. M3 x 0.5 threaded-thru inserts come standard. For Ø.126 thru-hole inserts add the suffix “TH” to the model number (Ex: DCQAW100-48S24TH). Models
with thru- hole inserts cannot be equipped with a heatsink.
8. BASE-PLATE GROUNDING: EMI can be reduced when you connect two screw bolts to the shield plane.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - DCQAW100-24S05RH1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQAW150-110S05 WALL-DCQAW150-110S05 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQAW150-110S05RH WALL-DCQAW150-110S05RH Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQAW150-110S05RH1 WALL-DCQAW150-110S05RH1 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQAW150-110S05RH2 WALL-DCQAW150-110S05RH2 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
More results

Similar Description - DCQAW100-24S05RH1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
MPQ WALL-MPQ Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
   Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com