Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5464A-1FP Datasheet(PDF) 3 Page - Keysight Technologies

Part # N5464A-1FP
Description  Infiniium V-Series Oscilloscopes
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5464A-1FP Datasheet(HTML) 3 Page - Keysight Technologies

  N5464A-1FP Datasheet HTML 1Page - Keysight Technologies N5464A-1FP Datasheet HTML 2Page - Keysight Technologies N5464A-1FP Datasheet HTML 3Page - Keysight Technologies N5464A-1FP Datasheet HTML 4Page - Keysight Technologies N5464A-1FP Datasheet HTML 5Page - Keysight Technologies N5464A-1FP Datasheet HTML 6Page - Keysight Technologies N5464A-1FP Datasheet HTML 7Page - Keysight Technologies N5464A-1FP Datasheet HTML 8Page - Keysight Technologies N5464A-1FP Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
03 | Keysight | Infiniium V-Series Oscilloscopes - Data Sheet
Achieve Clarity Faster with Infiniium V-Series Oscilloscopes
Groundbreaking oscilloscope technology
The Keysight Technologies, Inc� Infiniium V-Series oscilloscopes
incorporate innovative technology designed to deliver superior
measurements� Whether you are testing multiple high-speed
serial lanes or a massive parallel bus, the new 12�5 Gb/s,
industry’s longest 160-bit hardware serial trigger and world’s
fastest 20 GSa/s digital channels will provide timely validation
and debug� Our oscilloscope’s low-noise front end technology,
advanced InfiniiMax III/III+ Series probes and revolutionary
voltage termination adapter provide up to 33 GHz performance
with the industry’s best signal integrity� Together with the
broadest software solution coverage, the V-Series helps you
achieve clarity faster in your design characterization to ensure
your product ships on time�
Fastest analysis and enhanced usability
We put the groundbreaking oscilloscope technology in an
innovate industrial design frame with a standard 500 GB
removable solid state drive and high-powered motherboard for
fastest analysis, capacitive 12�1” display for multi-touch usability
and USB 3�0 ports for fast data offload speed� Coupled with the
next-generation Infiniium user interface, the V-Series makes
displaying, analyzing and sharing information much easier� It is
the first user interface to take advantage of multiple displays
and touch screens� It features up to 8 waveform windows with up
to 16 grids in each of them, allowing 128 simultaneous viewing
spaces�
DSO models
DSA models
MSO models
Analog bandwidth
Sample rate
Max memory Bandwidth upgradability
4 analog
channels
4 analog
channels
4 analog channels +
16 digital channels
2 channels 4 channels 2 channels 4 channels 4 channels
DSOV334A
DSAV334A
MSOV334A
33 GHz
16 GHz
80 GSa/s
40 GSa/s
2 Gpts
Yes. Each model is
upgradable to each
higher bandwidth step
or the max bandwidth of
33 GHz.
DSOV254A
DSAV254A
MSOV254A
25 GHz
16 GHz
80 GSa/s
40 GSa/s
2 Gpts
DSOV204A
DSAV204A
MSOV204A
20 GHz
16 GHz
80 GSa/s
40 GSa/s
2 Gpts
DSOV164A
DSAV164A
MSOV164A
16 GHz
16 GHz
80 GSa/s
40 GSa/s
2 Gpts
DSOV134A
DSAV134A
MSOV134A
13 GHz
13 GHz
80 GSa/s
40 GSa/s
2 Gpts
DSOV084A
DSAV084A
MSOV084A
8 GHz
8 GHz
80 GSa/s
40 GSa/s
2 Gpts


Similar Part No. - N5464A-1FP

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5464A-1NL KEYSIGHT-N5464A-1NL Datasheet
4Mb / 41P
   Infiniium 90000 Series Oscilloscopes
More results

Similar Description - N5464A-1FP

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
N5393E KEYSIGHT-N5393E Datasheet
3Mb / 25P
   Infiniium Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ594A KEYSIGHT-DSAZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ334A KEYSIGHT-DSOZ334A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ504A KEYSIGHT-DSOZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com