Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSW30S01A Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NLSW30S01A
Description  SPECIFICATIONS FOR STANDARD LED FOR TOTAL SPECTRAL RADIANT FLUX
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NLSW30S01A Datasheet(HTML) 7 Page - NICHIA CORPORATION

  NLSW30S01A Datasheet HTML 1Page - NICHIA CORPORATION NLSW30S01A Datasheet HTML 2Page - NICHIA CORPORATION NLSW30S01A Datasheet HTML 3Page - NICHIA CORPORATION NLSW30S01A Datasheet HTML 4Page - NICHIA CORPORATION NLSW30S01A Datasheet HTML 5Page - NICHIA CORPORATION NLSW30S01A Datasheet HTML 6Page - NICHIA CORPORATION NLSW30S01A Datasheet HTML 7Page - NICHIA CORPORATION NLSW30S01A Datasheet HTML 8Page - NICHIA CORPORATION NLSW30S01A Datasheet HTML 9Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NICHIA STS-DA1-4308 <Cat.No.160420>
6
OPTICAL CHARACTERISTICS
管理番号
No.
* 標準LEDに取り付けられた白金測温抵抗素子の温度が90°Cなるように温度コントロールしたときの特性です(IF = 200 mA)。
The graphs show the characteristics when the platinum RTD incorporated in the Standard LED
is controlled to be 90℃.
* 温度コントローラーの温度制御安定度は±0.03°Cです(メーカー仕様値)。
Stability of temperature controller is ±0.03°C. (Manufacturer specification value)
STS-DA5-0063
NLSW30S01A
色度
Chromaticity Coordinate
0.0
0.2
0.4
0.6
0.8
1.0
350
400
450
500
550
600
650
700
750
800
850
Spectrum
光度
Luminous Intensity
相対光度
Relative Luminosity (a.u.)
90°
80°
70°
60°
50°
40°
30°
20°
10°
-10°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
-90°
Directivity1
発光スペクトル
Spectrum
指向特性
Directivity
波長
Wavelength (nm)
1
0.5
0
0.5
1
T
A = 25°C
T
A = 25°C
T
A = 25°C
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.
V(λ)
-0.01
-0.008
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
0.008
0.01
-90
-60
-30
0
30
60
90
Spectrum
放射角度
Radiation Angle(°)
x
y


Similar Part No. - NLSW30S01A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NLS LITTELFUSE-NLS Datasheet
465Kb / 2P
   NLN/NLS Class K5 Fuses
NLS020 LITTELFUSE-NLS020 Datasheet
314Kb / 1P
   Class K5 ??NLN/NLS Series (one-time) fuses
logo
Artesyn Technologies
NLS110-9602 ARTESYN-NLS110-9602 Datasheet
60Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLS110-9602J ARTESYN-NLS110-9602J Datasheet
95Kb / 3P
   80-110 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLS110-9602J EMERSON-NETWORKPOWER-NLS110-9602J Datasheet
95Kb / 3P
   80-110 W AC/DC Universal Input Switch Mode Power Supplies
More results

Similar Description - NLSW30S01A

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NLHB01S02-E NICHIA-NLHB01S02-E Datasheet
661Kb / 12P
   SPECIFICATIONS FOR NICHIA LUMINOUS FLUX BLUE STANDARD LED
NLHR01S02-E NICHIA-NLHR01S02-E Datasheet
660Kb / 12P
   SPECIFICATIONS FOR NICHIA LUMINOUS FLUX RED STANDARD LED
NLHW01S02-E NICHIA-NLHW01S02-E Datasheet
621Kb / 12P
   SPECIFICATIONS FOR NICHIA LUMINOUS FLUX WHITE STANDARD LED
NLHG01S02-E NICHIA-NLHG01S02-E Datasheet
661Kb / 12P
   SPECIFICATIONS FOR NICHIA LUMINOUS FLUX GREEN STANDARD LED
NLPB01S03A-E NICHIA-NLPB01S03A-E Datasheet
314Kb / 10P
   SPECIFICATIONS FOR BLUE STANDARD LED
NLSR06S01-E NICHIA-NLSR06S01-E Datasheet
275Kb / 9P
   SPECIFICATIONS FOR RED STANDARD LED
NLPW01S03A-E NICHIA-NLPW01S03A-E Datasheet
317Kb / 10P
   SPECIFICATIONS FOR WHITE STANDARD LED
NLSB06S01-E NICHIA-NLSB06S01-E Datasheet
272Kb / 9P
   SPECIFICATIONS FOR BLUE STANDARD LED
NLPG01S03A-E NICHIA-NLPG01S03A-E Datasheet
317Kb / 10P
   SPECIFICATIONS FOR GREEN STANDARD LED
NLSU04S01B-E NICHIA-NLSU04S01B-E Datasheet
364Kb / 13P
   SPECIFICATIONS FOR UV STANDARD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com