Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHW24S15-40-HS Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # DHW24S15-40-HS
Description  40 Watts DC/DC Power Converter Single & Dual Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DHW24S15-40-HS Datasheet(HTML) 7 Page - Wall Industries,Inc.

Back Button DHW24S15-40-HS Datasheet HTML 3Page - Wall Industries,Inc. DHW24S15-40-HS Datasheet HTML 4Page - Wall Industries,Inc. DHW24S15-40-HS Datasheet HTML 5Page - Wall Industries,Inc. DHW24S15-40-HS Datasheet HTML 6Page - Wall Industries,Inc. DHW24S15-40-HS Datasheet HTML 7Page - Wall Industries,Inc. DHW24S15-40-HS Datasheet HTML 8Page - Wall Industries,Inc. DHW24S15-40-HS Datasheet HTML 9Page - Wall Industries,Inc. DHW24S15-40-HS Datasheet HTML 10Page - Wall Industries,Inc. DHW24S15-40-HS Datasheet HTML 11Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Rev B
DHW40 SERIES
40 Watts
DC/DC Power Converter
Single & Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 12
EFFICIENCY GRAPHS
48VDC Nominal Input Voltage, 25ºC
DHW48S03.3-26 Efficiency vs. Load Current
DHW48S05-40 Efficiency vs. Load Current
DHW48S12-40 Efficiency vs. Load Current
DHW48S15-40 Efficiency vs. Load Current
DHW24S48-40 Efficiency vs. Load Current
DHW48D12-40 Efficiency vs. Load Current
DHW48D15-40 Efficiency vs. Load Current


Similar Part No. - DHW24S15-40-HS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DHW24S15-50 WALL-DHW24S15-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
More results

Similar Description - DHW24S15-40-HS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Wall Industries,Inc.
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com