Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHW48D12-40-HS Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DHW48D12-40-HS
Description  40 Watts DC/DC Power Converter Single & Dual Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DHW48D12-40-HS Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DHW48D12-40-HS Datasheet HTML 1Page - Wall Industries,Inc. DHW48D12-40-HS Datasheet HTML 2Page - Wall Industries,Inc. DHW48D12-40-HS Datasheet HTML 3Page - Wall Industries,Inc. DHW48D12-40-HS Datasheet HTML 4Page - Wall Industries,Inc. DHW48D12-40-HS Datasheet HTML 5Page - Wall Industries,Inc. DHW48D12-40-HS Datasheet HTML 6Page - Wall Industries,Inc. DHW48D12-40-HS Datasheet HTML 7Page - Wall Industries,Inc. DHW48D12-40-HS Datasheet HTML 8Page - Wall Industries,Inc. DHW48D12-40-HS Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev B
DHW40 SERIES
40 Watts
DC/DC Power Converter
Single & Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 12
FEATURES
• RoHS & REACH Compliant
• 40 Watts Output Power
• 4:1 Ultra Wide Input Voltage Ranges
• Single & Dual Outputs
• Remote ON/OFF Control
• 1500VDC I/O Isolation
• High Efficiency up to 91%
• Under Voltage Lockout (UVLO)
• 2.0” x 1.0” x 0.4” Package Size
• Trimmable Output Voltage
• Shielded Metal Case with Isolated Base-plate
• High Power Density
• Over Load, Short Circuit, Over Voltage, and Over
Temperature Protection
• UL/cUL/IEC/EN 60950-1 Safety Approvals
• Heatsink (Optional)
DESCRIPTION
The DHW40 series is the latest generation of high performance DC/DC converters setting a new
standard concerning power density. These converters offer 40 Watts of continuous output power
in a 2.0” x 1.0” x 0.4” encapsulated, shielded metal package. The DHW40 series has single and
dual output models with 4:1 ultra wide input voltage ranges of 9-36VDC and 18-75VDC.
Advanced circuit topology provides a very high efficiency up to 91% and an operating
temperature range of -40°C to +80°C. Further features include remote on/off, trimmable output
voltage, under-voltage lockout as well as over load, over voltage, short circuit, and over-
temperature protection. These converters are RoHS compliant and are ideal for use in battery
operated equipment, instrumentation, distributed power architectures in communication and
industrial electronics and many other space critical applications.
Size: 2in x 1in x 0.40~0.43in
(50.8mm x 25.4mm x 10.2~11mm)
MODEL SELECTION TABLE
Single Output Models
Model Number(1)
Input Voltage
Range
Output
Voltage
Output Current
Input Current
Output
Power
Maximum
Capacitive Load
Efficiency
Over Voltage
Protection
Reflected
Ripple Current
Min Load Max Load No Load Max Load
DHW24S3.3-26
24VDC
(9~36VDC)
3.3VDC
0mA
8A
90mA
1.24A
26.4W
21000µF
89%
3.9VDC
30mA Typ.
DHW24S5-40
5VDC
0mA
8A
90mA
1.85A
40W
13600µF
90%
6.2VDC
DHW24S12-40
12VDC
0mA
3.33A
95mA
1.87A
40W
2400µF
89%
15VDC
DHW24S15-40
15VDC
0mA
2.67A
105mA
1.87A
40W
1500µF
89%
18VDC
DHW24S24-40
24VDC
0mA
1.67A
115mA
1.835A
40W
600µF
91%
30VDC
DHW48S3.3-26
48VDC
(18~75VDC)
3.3VDC
0mA
8A
55mA
620mA
26.4W
21000µF
89%
3.9VDC
20mA Typ.
DHW48S5-40
5VDC
0mA
8A
55mA
930mA
40W
13600µF
90%
6.2VDC
DHW48S12-40
12VDC
0mA
3.33A
60mA
930mA
40W
2400µF
90%
15VDC
DHW48S15-40
15VDC
0mA
2.67A
65mA
930mA
40W
1500µF
90%
18VDC
DHW48S24-40
24VDC
0mA
1.67A
75mA
918mA
40W
600µF
91%
30VDC
MODEL SELECTION TABLE
Dual Output Models
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Input Current
Output
Power
Maximum
Capacitive Load
Efficiency
Over Voltage
Protection
Reflected
Ripple Current
Min Load Max Load No Load Max Load
DHW24D12-40
24VDC
(9~36VDC)
±12 VDC
±145mA
±1.67A
65mA
1.89A
40W
1200µF*
88%
±15 VDC
30mA Typ.
DHW24D15-40
±15 VDC
±110mA
±1.33A
65mA
1.89A
40W
750µF*
88%
±18 VDC
DHW48D12-40
48VDC
(18~75VDC)
±12 VDC
±145mA
±1.67A
45mA
950mA
40W
1200µF*
88%
±15 VDC
20mA Typ.
DHW48D15-40
±15 VDC
±110mA
±1.33A
45mA
950mA
40W
750µF*
88%
±18 VDC
* for each output


Similar Part No. - DHW48D12-40-HS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DHW48S12-50 WALL-DHW48S12-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW48S15-50 WALL-DHW48S15-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW48S24-50 WALL-DHW48S24-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW48S3.3-33 WALL-DHW48S3.3-33 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DHW48S5-50 WALL-DHW48S5-50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
More results

Similar Description - DHW48D12-40-HS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Wall Industries,Inc.
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com