Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFSL757GT-V1 Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NFSL757GT-V1
Description  SPECIFICATIONS FOR WARM WHITE LED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSL757GT-V1 Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NFSL757GT-V1 Datasheet HTML 1Page - NICHIA CORPORATION NFSL757GT-V1 Datasheet HTML 2Page - NICHIA CORPORATION NFSL757GT-V1 Datasheet HTML 3Page - NICHIA CORPORATION NFSL757GT-V1 Datasheet HTML 4Page - NICHIA CORPORATION NFSL757GT-V1 Datasheet HTML 5Page - NICHIA CORPORATION NFSL757GT-V1 Datasheet HTML 6Page - NICHIA CORPORATION NFSL757GT-V1 Datasheet HTML 7Page - NICHIA CORPORATION NFSL757GT-V1 Datasheet HTML 8Page - NICHIA CORPORATION NFSL757GT-V1 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
NICHIA STS-DA1-5234 <Cat.No.180214>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.6
3.1
V
Luminous Flux
P10
25.5
30.3
lm
P9
21.4
25.5
P8
18.0
21.4
P7
15.1
18.0
Color Rendering Index
R9050
Ra
90
-
-
R9
50
-
Color Ranks
The color ranks have chromaticity ranges within 3-step MacAdam ellipse.
Rank
sm203
Rank
sm223
Rank
sm253
Center Point
x
0.5270
0.5018
0.4806
y
0.4130
0.4153
0.4141
Minor Axis
a
0.003978
0.004002
0.004029
Major Axis
b
0.007062
0.007206
0.007515
Ellipse Rotation Angle
Φ
-43.56
-39.89
-37.58
The color ranks have chromaticity ranges within 5-step MacAdam ellipse.
Rank
sm2050a
Rank
sm2050b
Rank
sm2050c
Rank
sm2050d
Rank
sm2050e
Rank
sm2050f
Center Point
x
0.5270
y
0.4130
Minor Axis
a
0.006630
Major Axis
b
0.011770
Ellipse Rotation Angle
Φ
-43.56
Rank
sm2250a
Rank
sm2250b
Rank
sm2250c
Rank
sm2250d
Rank
sm2250e
Rank
sm2250f
Center Point
x
0.5018
y
0.4153
Minor Axis
a
0.006670
Major Axis
b
0.012010
Ellipse Rotation Angle
Φ
-39.89
Rank
sm2550a
Rank
sm2550b
Rank
sm2550c
Rank
sm2550d
Rank
sm2550e
Rank
sm2550f
Center Point
x
0.4806
y
0.4141
Minor Axis
a
0.006715
Major Axis
b
0.012525
Ellipse Rotation Angle
Φ
-37.58
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±5%
* Color Rendering Index Ra Tolerance: ±1.5
* Color Rendering Index R9 Tolerance: ±3
* Chromaticity Coordinate Tolerance: ±0.003
* LEDs from the above ranks will be shipped. The rank combination ratio per shipment will be decided by Nichia.


Similar Part No. - NFSL757GT-V1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFSL757GT-P5 NICHIA-NFSL757GT-P5 Datasheet
607Kb / 23P
   SPECIFICATIONS FOR WARM WHITE LED
More results

Similar Description - NFSL757GT-V1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSBLL121A NICHIA-NSBLL121A Datasheet
474Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NSPL510DS NICHIA-NSPL510DS_14 Datasheet
217Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
NSPL570DS NICHIA-NSPL570DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
NS9L383 NICHIA-NS9L383 Datasheet
369Kb / 21P
   SPECIFICATIONS FOR WARM WHITE LED
NHSL157BT NICHIA-NHSL157BT Datasheet
327Kb / 17P
   SPECIFICATIONS FOR WARM WHITE LED
NFSL757GT-P5 NICHIA-NFSL757GT-P5 Datasheet
607Kb / 23P
   SPECIFICATIONS FOR WARM WHITE LED
NS2L157ART-H3 NICHIA-NS2L157ART-H3 Datasheet
304Kb / 18P
   SPECIFICATIONS FOR WARM WHITE LED
NS6L183BT NICHIA-NS6L183BT Datasheet
368Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NT2L757DT NICHIA-NT2L757DT Datasheet
322Kb / 20P
   SPECIFICATIONS FOR WARM WHITE LED
NSCLL036A NICHIA-NSCLL036A Datasheet
473Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NESL064AT NICHIA-NESL064AT_14 Datasheet
309Kb / 17P
   SPECIFICATIONS FOR WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com