Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N8809A-1FP Datasheet(PDF) 9 Page - Keysight Technologies

Part # N8809A-1FP
Description  Infiniium V-Series Oscilloscopes
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8809A-1FP Datasheet(HTML) 9 Page - Keysight Technologies

Back Button N8809A-1FP Datasheet HTML 5Page - Keysight Technologies N8809A-1FP Datasheet HTML 6Page - Keysight Technologies N8809A-1FP Datasheet HTML 7Page - Keysight Technologies N8809A-1FP Datasheet HTML 8Page - Keysight Technologies N8809A-1FP Datasheet HTML 9Page - Keysight Technologies N8809A-1FP Datasheet HTML 10Page - Keysight Technologies N8809A-1FP Datasheet HTML 11Page - Keysight Technologies N8809A-1FP Datasheet HTML 12Page - Keysight Technologies N8809A-1FP Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
09 | Keysight | Infiniium V-Series Oscilloscopes - Data Sheet
Superior measurements
Oscilloscope bandwidth allows signal rise times to be more accurately depicted� The oscilloscope noise floor directly impacts the
Y-axis voltage placement of each signal data point� The V-Series combines superiority in these characteristics with extremely low
sample clock jitter (< 100 fs)� This ensures the lowest possible contribution to jitter measurements� In addition, the V-Series has the
industry’s deepest memory of up to 2 Gpts, allowing you to resolve low frequency jitter components in a single measurement�
Keysight’s oscilloscopes are constantly improving in measurement
accuracy� The latest innovation is an improved calibration routine
that better aligns the sample points of the analog-to-digital
converter� The improved calibration results in higher spurious
free dynamic range (SFDR) and effective number of bits (ENOB)�
The SFDR is improved as much as 15 dBc depending on the
carrier frequency� Higher SFDR is ideal for making RF and optical
measurements where spectral purity is of the utmost importance�
Improved SFDR and ENOB also means better jitter performance�
Ultimately this means the V-Series now features the highest SFDR
and ENOB of any oscilloscope on the market�
Ultra-low noise at 33-GHz full bandwidth (2�10 mV at 50 mV/div)�
Jitter measurement floor of less than 100 fs (80 fs with 30 GHz input sine
wave)�
Improved calibration increases the spurious free dynamic range by up to
15 dBc�
Industry’s Best Signal Integrity (Continued)


Similar Part No. - N8809A-1FP

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8809A KEYSIGHT-N8809A Datasheet
3Mb / 8P
   Protocol Triggering and Decode
More results

Similar Description - N8809A-1FP

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
N5393E KEYSIGHT-N5393E Datasheet
3Mb / 25P
   Infiniium Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ594A KEYSIGHT-DSAZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ334A KEYSIGHT-DSOZ334A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ504A KEYSIGHT-DSOZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com