Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSOS000-1A7 Datasheet(PDF) 11 Page - Keysight Technologies

Part # DSOS000-1A7
Description  Infiniium S-Series High-Definition Oscilloscopes
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOS000-1A7 Datasheet(HTML) 11 Page - Keysight Technologies

Back Button DSOS000-1A7 Datasheet HTML 7Page - Keysight Technologies DSOS000-1A7 Datasheet HTML 8Page - Keysight Technologies DSOS000-1A7 Datasheet HTML 9Page - Keysight Technologies DSOS000-1A7 Datasheet HTML 10Page - Keysight Technologies DSOS000-1A7 Datasheet HTML 11Page - Keysight Technologies DSOS000-1A7 Datasheet HTML 12Page - Keysight Technologies DSOS000-1A7 Datasheet HTML 13Page - Keysight Technologies DSOS000-1A7 Datasheet HTML 14Page - Keysight Technologies DSOS000-1A7 Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Oscilloscope Overview – Frequency Domain (Continued)
Wideband and multi-channel FFTs
Need to see > 1 GHz signal spectral bandwidth and/or multiple FFTs simultaneously? Oscilloscopes offer wider bandwidth than
spectrum analyzers and come standard with four ports (channels) per instrument�
Infiniium S-Series enables users to make wideband measurements up to 8 GHz and up to 16 simultaneous FFTs� Analyze even higher
bandwidth signals by combining with a down converter�
Use Infiniium capture and analysis of radar bursts, as shown in this
OFDM example�
Using data acquired from S-Series, VSA shows phase noise of
—121 dBc/Hz at 10 kHz and —122 dBc/Hz at 100 kHz�
1� S, V, and Z-Series 2 ch full bandwidth, 4 ch half bandwidth�
2� Up to 50 GHz carrier�
3� 3�6 GHz to 50 GHz carrier�
RF signal spectral bandwidth
Up
to 4
1
1
1
1
0 MHz
BW
S-Series
2
PXA
510 MHz
2
UXA
1 GHz
3
PXA +
Scope
1.2 GHz
V-Series
Z-Series
510 MHz
BW
1 GHz
BW
8 GHz
BW
13 GHz
BW
32 GHz
BW
... 63 GHz
BW


Similar Part No. - DSOS000-1A7

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOS054A KEYSIGHT-DSOS054A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS054A KEYSIGHT-DSOS054A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
More results

Similar Description - DSOS000-1A7

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
MSOS804A KEYSIGHT-MSOS804A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS204A KEYSIGHT-MSOS204A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS104A KEYSIGHT-DSOS104A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS254A KEYSIGHT-DSOS254A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS404A KEYSIGHT-DSOS404A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS204A KEYSIGHT-DSOS204A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS054A KEYSIGHT-MSOS054A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS104A KEYSIGHT-MSOS104A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS254A KEYSIGHT-MSOS254A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
S-SERIES KEYSIGHT-S-SERIES Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS404A KEYSIGHT-MSOS404A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com