Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFCWL060B-V3 Datasheet(PDF) 4 Page - NICHIA CORPORATION

Part # NFCWL060B-V3
Description  SPECIFICATIONS FOR WHITE LED
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCWL060B-V3 Datasheet(HTML) 4 Page - NICHIA CORPORATION

  NFCWL060B-V3 Datasheet HTML 1Page - NICHIA CORPORATION NFCWL060B-V3 Datasheet HTML 2Page - NICHIA CORPORATION NFCWL060B-V3 Datasheet HTML 3Page - NICHIA CORPORATION NFCWL060B-V3 Datasheet HTML 4Page - NICHIA CORPORATION NFCWL060B-V3 Datasheet HTML 5Page - NICHIA CORPORATION NFCWL060B-V3 Datasheet HTML 6Page - NICHIA CORPORATION NFCWL060B-V3 Datasheet HTML 7Page - NICHIA CORPORATION NFCWL060B-V3 Datasheet HTML 8Page - NICHIA CORPORATION NFCWL060B-V3 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
NICHIA STS-DA1-5085 <Cat.No.171222>
3
RANKS
Item
Rank
Condition
Min
Max
Unit
Forward Voltage
-
IF=460mA
33.6
36.0
V
Luminous Flux
Q0270
IF=460mA
2700
3320
lm
Q0268
2680
3280
Q0266
2660
3260
Q0262
2620
3220
Q0258
2580
3160
Q0257
2570
3150
Q0254
2540
3120
Q0253
2530
3110
Q0252
2520
3080
Q0248
2480
3040
Q0241
2410
2950
Q0233
2330
2850
Q0226
2260
2780
Q0224
2240
2740
Q0221
2210
2710
Q0220
2200
2700
Q0216
2160
2660
Q0207
2070
2530
Q0202
2020
2480
Q0199
1990
2450
Q0198
1980
2420
Q0195
1950
2390
Q0190
1900
2340
Q0188
1880
2300
Q0187
1870
2290
Q0182
1820
2240
Q0171
1710
2090
Q0170
1700
2080
Q0160
1600
1960
Color Rendering Index
R70
Ra
IF=460mA
70
-
-
R8000
Ra
80
-
R9
0
-
R9050
Ra
90
-
R9
50
-
R95
Ra
95
-
Color Ranks(IF=460mA)
The color ranks have chromaticity ranges within 2-step MacAdam ellipse.
Rank
sm222
Rank
sm252
Rank
sm272
Rank
sm302
Rank
sm352
Rank
sm402
Color Temperature
(Unit: K)
TCP
2200
2500
2700
3000
3500
4000
Center Point
x
0.5018
0.4806
0.4578
0.4338
0.4073
0.3818
y
0.4153
0.4141
0.4101
0.4030
0.3917
0.3797
Minor Axis
a
0.002668
0.002686
0.002704
0.002738
0.002732
0.002714
Major Axis
b
0.004804
0.005010
0.005248
0.005594
0.005864
0.006188
Ellipse Rotation Angle
Φ
-39.89
-37.58
-36.05
-36.00
-35.47
-35.95


Similar Part No. - NFCWL060B-V3

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCWL060B-V1 NICHIA-NFCWL060B-V1 Datasheet
650Kb / 27P
   Built-in ESD Protection Device
NFCWL060B-V1M2 NICHIA-NFCWL060B-V1M2 Datasheet
478Kb / 18P
   Built-in ESD Protection Device
NFCWL060B-V1M3 NICHIA-NFCWL060B-V1M3 Datasheet
479Kb / 18P
   Built-in ESD Protection Device
More results

Similar Description - NFCWL060B-V3

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW510DS NICHIA-NSPW510DS_14 Datasheet
228Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW515DS NICHIA-NSPW515DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW500DS NICHIA-NSPW500DS_14 Datasheet
224Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NS2W150B NICHIA-NS2W150B Datasheet
277Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW063A NICHIA-NSSW063A Datasheet
297Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NSSW150B NICHIA-NSSW150B Datasheet
276Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW206C NICHIA-NSSW206C Datasheet
298Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSWT02A NICHIA-NSSWT02A Datasheet
295Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NVSW119BT NICHIA-NVSW119BT_13 Datasheet
361Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NVSW219BT NICHIA-NVSW219BT_13 Datasheet
360Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NFCWD084B-V3 NICHIA-NFCWD084B-V3 Datasheet
994Kb / 43P
   SPECIFICATIONS FOR WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com