Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFCWL036B-V3 Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NFCWL036B-V3
Description  SPECIFICATIONS FOR WHITE LED
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCWL036B-V3 Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NFCWL036B-V3 Datasheet HTML 6Page - NICHIA CORPORATION NFCWL036B-V3 Datasheet HTML 7Page - NICHIA CORPORATION NFCWL036B-V3 Datasheet HTML 8Page - NICHIA CORPORATION NFCWL036B-V3 Datasheet HTML 9Page - NICHIA CORPORATION NFCWL036B-V3 Datasheet HTML 10Page - NICHIA CORPORATION NFCWL036B-V3 Datasheet HTML 11Page - NICHIA CORPORATION NFCWL036B-V3 Datasheet HTML 12Page - NICHIA CORPORATION NFCWL036B-V3 Datasheet HTML 13Page - NICHIA CORPORATION NFCWL036B-V3 Datasheet HTML 14Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
NICHIA STS-DA1-5097 <Cat.No.171222>
9
SOLDERING
• Recommended Hand Soldering Condition
Temperature
380°C Max
Soldering Time
5sec Max
* Hand soldering must not be performed more than once.
* This LED uses a silicone resin for the encapsulating resin frame or resin area; the silicone resin is soft. If excess pressure is applied
to the silicone resin, it may cause the resin to be damaged, chipped, cracked and/or deformed. If the encapsulating resin frame
and/or resin area are damaged, chipped, cracked and/or deformed, it may cause the wire to break causing a catastrophic failure
(i.e. the LED not to illuminate) and/or reliability issues (e.g. the LED to corrode and/or to become dimmer, the color directivity to
change, etc.).
* Repairing should not be done after the LEDs have been soldered. It should be confirmed beforehand whether the characteristics
of the LEDs will or will not be damaged by repairing.
* When soldering, do not apply stress to the LED while the LED is hot.
* When using an automatic pick-and-place machine, choose an appropriate nozzle for this LED. Using a pick-and-place nozzle with
a smaller diameter than the size of the LED's emitting surface will cause damage to the emitting surface causing a catastrophic
failure (i.e. the LED not to illuminate).
* When flux is used, it should be a halogen free flux. Ensure that the manufacturing process is not designed in a manner where the
flux will come in contact with the LEDs.
* During and/or after soldering an electric wire to the electrode, ensure that tension is not applied to the electric wire. This may
cause the electrode to be damaged and/or reduce the adhesive strength of the electrode to the package.
* If soldering is used to join electric wires to the electrodes, the adhesive strength of the electrode to the package may be reduced
depending on the substances that are found in the solder paste and/or the type of the wire cover that is used. Ensure that there
are no issues with the materials that will be used in the chosen application prior to use.


Similar Part No. - NFCWL036B-V3

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCWL036B-V1 NICHIA-NFCWL036B-V1 Datasheet
659Kb / 27P
   Built-in ESD Protection Device
NFCWL036B-V1M2 NICHIA-NFCWL036B-V1M2 Datasheet
484Kb / 18P
   Built-in ESD Protection Device
NFCWL036B-V1M3 NICHIA-NFCWL036B-V1M3 Datasheet
485Kb / 18P
   Built-in ESD Protection Device
More results

Similar Description - NFCWL036B-V3

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW510DS NICHIA-NSPW510DS_14 Datasheet
228Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW515DS NICHIA-NSPW515DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW500DS NICHIA-NSPW500DS_14 Datasheet
224Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NS2W150B NICHIA-NS2W150B Datasheet
277Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW063A NICHIA-NSSW063A Datasheet
297Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NSSW150B NICHIA-NSSW150B Datasheet
276Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW206C NICHIA-NSSW206C Datasheet
298Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSWT02A NICHIA-NSSWT02A Datasheet
295Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NVSW119BT NICHIA-NVSW119BT_13 Datasheet
361Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NVSW219BT NICHIA-NVSW219BT_13 Datasheet
360Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NFCWD084B-V3 NICHIA-NFCWD084B-V3 Datasheet
994Kb / 43P
   SPECIFICATIONS FOR WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com