Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFCWJ108B-V3 Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NFCWJ108B-V3
Description  SPECIFICATIONS FOR WHITE LED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCWJ108B-V3 Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NFCWJ108B-V3 Datasheet HTML 2Page - NICHIA CORPORATION NFCWJ108B-V3 Datasheet HTML 3Page - NICHIA CORPORATION NFCWJ108B-V3 Datasheet HTML 4Page - NICHIA CORPORATION NFCWJ108B-V3 Datasheet HTML 5Page - NICHIA CORPORATION NFCWJ108B-V3 Datasheet HTML 6Page - NICHIA CORPORATION NFCWJ108B-V3 Datasheet HTML 7Page - NICHIA CORPORATION NFCWJ108B-V3 Datasheet HTML 8Page - NICHIA CORPORATION NFCWJ108B-V3 Datasheet HTML 9Page - NICHIA CORPORATION NFCWJ108B-V3 Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
NICHIA STS-DA1-5205 <Cat.No.171222>
5
OUTLINE DIMENSIONS
K
保護素子
Protection Device
A
STS-DA7-11129A
NFCWJ108B-Vx
管理番号
No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品は
RoHS指令に適合しております。
*
(単位 Unit: mm, 公差 Tolerance: ±0.3)
項目
Item
パッケージ材質
Package Materials
封止樹脂材質
Encapsulating Resin
Materials
電極材質
Electrodes Materials
質量
Weight
内容
Description
セラミックス
Ceramics
シリコーン樹脂
(拡散剤
+蛍光体入り)
Silicone Resin
(with diffuser and phosphor)
金メッキ
Au-plated
1.9g(TYP)
The dimension(s) in parentheses are for reference purposes.
括弧で囲まれた寸法は参考値です。
*
Cathode
Anode
発光部中心の位置精度
±0.3mm
24
19
22
(14.6)
(16.6)
The center of emitting area to be centered ±0.3mm.
光学的中心位置
Location of the optical center


Similar Part No. - NFCWJ108B-V3

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCWJ108B-V1 NICHIA-NFCWJ108B-V1 Datasheet
639Kb / 27P
   Built-in ESD Protection Device
NFCWJ108B-V1M2 NICHIA-NFCWJ108B-V1M2 Datasheet
467Kb / 18P
   Built-in ESD Protection Device
NFCWJ108B-V1M3 NICHIA-NFCWJ108B-V1M3 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
More results

Similar Description - NFCWJ108B-V3

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW510DS NICHIA-NSPW510DS_14 Datasheet
228Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW515DS NICHIA-NSPW515DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW500DS NICHIA-NSPW500DS_14 Datasheet
224Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NS2W150B NICHIA-NS2W150B Datasheet
277Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW063A NICHIA-NSSW063A Datasheet
297Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NSSW150B NICHIA-NSSW150B Datasheet
276Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW206C NICHIA-NSSW206C Datasheet
298Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSWT02A NICHIA-NSSWT02A Datasheet
295Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NVSW119BT NICHIA-NVSW119BT_13 Datasheet
361Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NVSW219BT NICHIA-NVSW219BT_13 Datasheet
360Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NFCWD084B-V3 NICHIA-NFCWD084B-V3 Datasheet
994Kb / 43P
   SPECIFICATIONS FOR WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com