Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSAZ334A Datasheet(PDF) 11 Page - Keysight Technologies

Part # DSAZ334A
Description  Infiniium Z-Series Oscilloscopes
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSAZ334A Datasheet(HTML) 11 Page - Keysight Technologies

Back Button DSAZ334A Datasheet HTML 7Page - Keysight Technologies DSAZ334A Datasheet HTML 8Page - Keysight Technologies DSAZ334A Datasheet HTML 9Page - Keysight Technologies DSAZ334A Datasheet HTML 10Page - Keysight Technologies DSAZ334A Datasheet HTML 11Page - Keysight Technologies DSAZ334A Datasheet HTML 12Page - Keysight Technologies DSAZ334A Datasheet HTML 13Page - Keysight Technologies DSAZ334A Datasheet HTML 14Page - Keysight Technologies DSAZ334A Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
Achieve Your Real Edge
10 Gbps eye captured with 20 GHz of
bandwidth.
10 Gbps eye captured with 30 GHz of
bandwidth.
10 Gbps signal captured with 63 GHz of
bandwidth. Notice the faster rise time and
wider eye measurements.
Having the right amount of oscilloscope bandwidth ensures accurate measurements.
If you have too much bandwidth, oscilloscope noise becomes a contributor in your
measurement. With too little bandwidth, rise times are improperly depicted. Use
the chart below to find the correct oscilloscope bandwidth for the devices you are
measuring.
Recommended scope bandwidth
Technology
Data rate
Fastest rise time
Scope BW
Ethernet 10BASE-T
10 Mbps
30 ns
600 MHz
Ethernet 100BASE-T
100 Mbps
3 ns
600 MHz
Ethernet 1000BASE-T
250 Mbps x 4
1.2 ns
1 GHz
USB 2.0
480 Mbps
300 ps
2.5 GHz
USB 3.1 Gen 1
5 Gbps
50 ps
12 GHz
USB 3.1 Gen 2
10 Gbps
25 ps
25 GHz
DDR1
400 MT/s
500 ps
2 GHz
DDR2
1066 MT/s
250 ps
4 GHz
DDR3
2133 MT/s
100 ps
8 GHz
DDD4
3200 MT/s
75 ps
12 GHz
GDDR5
8 Gbps
30 ps
16 GHz
SATA 3G
3 Gbps
67 ps
12 GHz
SATA 6G
6 Gbps
33 ps
16 GHz
SAS-2
6 Gbps
42 ps
16 GHz
SAS-3
12 Gbps
21 ps
30 GHz
16G FibreChannel
14.025 Gbps
24 ps
30 GHz
HDMI 1.4
3.4 Gbps
50 ps
8 GHz
DisplayPort 1.2
17.28 Gbps
50 ps
13 GHz
10G Ethernet
10 Gbps
60 ps
12 GHz
10Gbase-KR
10.3125 Gbps
24 ps
25 GHz
XAUI
3.75 Gbps
60 ps
12 GHz
MIPI® M-PHY®
5.83 Gbps
17.2 ps
24 GHz
MIPI D-PHYSM
2.5 Gbps
100 ps
6 GHz
PCI Express 2
5 Gbps
30 ps
12.5 GHz
PCI Express 3
8 Gbps
25 ps
20 GHz
28/32G FibreChannel
28 Gbps
18 ps
45 GHz
Thunderbolt 3
20.625 Gbps
10 ps
33 GHz
SFP +
10 Gbps
34 ps
16 GHz
MHL
2.25 Gbps
75 ps
8 GHz
InfiniBand II
2.5 Gbps, 5 Gbps
75 ps
8 GHz
10 Gbps eye captured with 10 GHz of
bandwidth.


Similar Part No. - DSAZ334A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSAZ334A KEYSIGHT-DSAZ334A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ334A KEYSIGHT-DSAZ334A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results

Similar Description - DSAZ334A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ594A KEYSIGHT-DSAZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ334A KEYSIGHT-DSOZ334A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ504A KEYSIGHT-DSAZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ592A KEYSIGHT-DSAZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ592A KEYSIGHT-DSOZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ504A KEYSIGHT-DSOZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ634A KEYSIGHT-DSOZ634A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
Z-SERIES KEYSIGHT-Z-SERIES Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com