Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9391A-M10 Datasheet(PDF) 10 Page - Keysight Technologies

Part # M9391A-M10
Description  M9391A PXIe Vector Signal Analyzer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9391A-M10 Datasheet(HTML) 10 Page - Keysight Technologies

Back Button M9391A-M10 Datasheet HTML 6Page - Keysight Technologies M9391A-M10 Datasheet HTML 7Page - Keysight Technologies M9391A-M10 Datasheet HTML 8Page - Keysight Technologies M9391A-M10 Datasheet HTML 9Page - Keysight Technologies M9391A-M10 Datasheet HTML 10Page - Keysight Technologies M9391A-M10 Datasheet HTML 11Page - Keysight Technologies M9391A-M10 Datasheet HTML 12Page - Keysight Technologies M9391A-M10 Datasheet HTML 13Page - Keysight Technologies M9391A-M10 Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10 | Keysight | M9391A PXIe Vector Signal Analyzer - Data Sheet
Technical Specifications and Characteristics
Amplitude (continued)
IF bandwidth filter switching uncertainty 16
Specification
Typical
Nominal
±0.4 dB
±0.15 dB
±0.09 dB
Expected input level switching uncertainty
Specification
Typical
Nominal
Pre-amp Auto/OFF
Max input to +5 dBm
±0.45 dB
±0.14 dB
±0.10 dB
Crossing +5 dBm
±0.63 dB
±0.24 dB
±0.17 dB
Pre-amp OFF
+5 to −50 dBm
±0.41 dB
±0.16 dB
±0.11 dB
Pre-amp ON
+0 to −50 dBm
±0.64 dB
±0.27 dB
±0.21 dB
Pre-amp AUTO
Crossing −37 dBm
±0.95 dB
±0.19 dB
±0.12 dB
Amplitude switching speed
Arbitrary amplitude change
Standard, nominal
Option UNZ, nominal
List mode switching speed 17
≤ 5 ms
≤ 136 µs
Non-list mode switching speed 18
≤ 5 ms
≤ 1.5 ms
Input voltage standing wave ratio (VSWR)
Nominal
< 10 MHz
1.7:1
10 MHz to 2.5 GHz
1.4:1
> 2.5 GHz
1.7:1
16. Amplitude error relative to the reference IF bandwidth filter of 40 MHz.
17. Settled to within 0.1 dB of final value. Does not include data acquisition or processing time.
When used with the M9018A PXIe chassis (2-link configuration: 1 x 8 [factory default]) and the M9036A PXIe embedded controller.
18. Mean time from IVI command to amplitude settled.


Similar Part No. - M9391A-M10

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Similar Description - M9391A-M10

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com