Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9300A Datasheet(PDF) 10 Page - Keysight Technologies

Part # M9300A
Description  M9380A PXIe CW Source
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9300A Datasheet(HTML) 10 Page - Keysight Technologies

Back Button M9300A Datasheet HTML 6Page - Keysight Technologies M9300A Datasheet HTML 7Page - Keysight Technologies M9300A Datasheet HTML 8Page - Keysight Technologies M9300A Datasheet HTML 9Page - Keysight Technologies M9300A Datasheet HTML 10Page - Keysight Technologies M9300A Datasheet HTML 11Page - Keysight Technologies M9300A Datasheet HTML 12Page - Keysight Technologies M9300A Datasheet HTML 13Page - Keysight Technologies M9300A Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10 | Keysight | M9380A PXIe CW Source 1 MHz to 3 GHz or 6 GHz - Data Sheett
Technical Specifications and Characteristics (continued)
Spectral purity
Phase noise at 20 kHz offset
1 GHz
-122 dBc/Hz, typical
2 GHz
-117 dBc/Hz, typical
3 GHz
-112 dBc/Hz, typical
6 GHz
-108 dBc/Hz, typical
Figure 7. Single sideband phase noise in normal loop bandwidth from 10 Hz to 10
MHz, offset at 1, 2, 2.4, 3, 5.8, and 6 GHz.
Figure 8. Single sideband phase noise in narrow loop bandwidth from 10 Hz to 10 MHz,
offset at 1, 2, 2.4, 3, 5.8, and 6 GHz.
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz
Frequency Offset From Carrier
Single Sideband Phase Noise in CW Mode
Normal Loop Bandwidth
1GHz
2GHz
2.4GHz
3GHz
5.8GHz
6GHz
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz
Frequency Offset From Carrier
Single Sideband Phase Noise in CW Mode
Narrow Loop Bandwidth
1GHz
2GHz
2.4GHz
3GHz
5.8GHz
6GHz


Similar Part No. - M9300A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9300A KEYSIGHT-M9300A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9300A KEYSIGHT-M9300A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
More results

Similar Description - M9300A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9380A KEYSIGHT-M9380A Datasheet
3Mb / 17P
   M9380A PXIe CW Source
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9111A KEYSIGHT-M9111A Datasheet
1Mb / 11P
   PXIe High-Speed Source/Measure Unit
logo
Emcore Corporation
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM_12 Datasheet
509Kb / 6P
   DWDM High Power CW Source Laser
logo
Keysight Technologies
M9111A KEYSIGHT-M9111A_18 Datasheet
1Mb / 11P
   M9111A PXIe High-Speed Source/Measure Unit
logo
Emcore Corporation
1782A EMCORE-1782A Datasheet
181Kb / 6P
   DWDM High Power CW Source Laser
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM Datasheet
700Kb / 6P
   DWDM High Power CW Source Laser
logo
Keysight Technologies
M924XA KEYSIGHT-M924XA Datasheet
3Mb / 21P
   InfiniiVision PXIe Modular Oscilloscopes
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9010A KEYSIGHT-M9010A Datasheet
2Mb / 13P
   M9010A PXIe Chassis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com