Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DH48D12-40 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DH48D12-40
Description  2:1 Wide Input Voltage Ranges
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DH48D12-40 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DH48D12-40 Datasheet HTML 1Page - Wall Industries,Inc. DH48D12-40 Datasheet HTML 2Page - Wall Industries,Inc. DH48D12-40 Datasheet HTML 3Page - Wall Industries,Inc. DH48D12-40 Datasheet HTML 4Page - Wall Industries,Inc. DH48D12-40 Datasheet HTML 5Page - Wall Industries,Inc. DH48D12-40 Datasheet HTML 6Page - Wall Industries,Inc. DH48D12-40 Datasheet HTML 7Page - Wall Industries,Inc. DH48D12-40 Datasheet HTML 8Page - Wall Industries,Inc. DH48D12-40 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Rev. A
DH40 Series
Single & Dual Outputs
2:1 Wide Input Ranges
40 Watt DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/31/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 13
SPECIFICATIONS: DH40 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
12VDC nominal input models
9
12
18
24VDC nominal input models
18
24
36
Input Voltage Range
48VDC nominal input models
36
48
75
VDC
12VDC nominal input models
-0.7
25
24VDC nominal input models
-0.7
50
Input Surge Voltage (1s max.)
48VDC nominal input models
-0.7
100
VDC
12VDC nominal input models
9
24VDC nominal input models
18
Start-up Threshold Voltage
48VDC nominal input models
36
VDC
12VDC nominal input models
8.3
24VDC nominal input models
16.5
Under Voltage Lockout (UVLO)
48VDC nominal input models
33
VDC
Power Up
30
Start-up Time
Remote On/Off
Nominal Vin and constant resistive load
30
ms
Input Current
See Table
Reflected Ripple Current (Page 11)
See Table
Internal Filter
for EN55022 Class A compliance see page 3
LC Filter
12VDC nominal input models
8000mA slow-blow type
24VDC nominal input models
4000mA slow-blow type
Input Fuse (Note 3)
48VDC nominal input models
2000mA slow-blow type
Short Circuit Current
Hiccup mode 1.5Hz typ.
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Voltage Balance
Dual Output Models, Balanced loads
±2.0
%
Line Regulation
Low line to high line at full load
±0.5
%
Single Output Models
±0.5
Load Regulation
Dual Output Models
Minimum load to full load
±1.0
%
Load Cross Regulation (Dual Output Models)
Asymmetrical load 25% / 100% full load
±5.0
%
Output Voltage Setting Accuracy
At 50% load and nominal Vin
±1.0
%Vnom
Output Voltage Trim (Page 10)
% of nominal output voltage
±10
%
Output Power
See Table
Output Current
See Table
Single Output Models
No minimum load required
Minimum Load
Dual Output Models
See Table
3.3 & 5VDC Output Models
100
12, 15, & 24VDC Output Models
150
Ripple & Noise (0-20MHz) (Page 12)
Measured with a 1µF M/C
and a 10µF T/C in parallel
Dual Output Models
150
mVp-p
Transient Recovery Time (Note 2)
25% load step change
250
µs
Temperature Coefficient
±0.02
%/°C
PROTECTION
Input Polarity Protection
none
Over Voltage Protection (page 11)
See Table
Over Load Protection
Current limitation at 150% typ. of Io max., hiccup
Thermal Protection
Shutdown temperature
110
°C
Short Circuit Protection
Hiccup, automatic recovery
REMOTE ON/OFF (Page 11)
Converter On
3.5~12V or open circuit
Positive Logic
Converter Off
0V ~ 1.2 or short circuit
On
Vctrl = 5.0V
0.5
Control Input Current
Off
Vctrl = 0V
-0.5
mA
Control Common
Referenced to negative input
Stand-by Input Current
Nominal Vin
2.5
mA


Similar Part No. - DH48D12-40

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DH48D35 TELEDYNE-DH48D35 Datasheet
574Kb / 6P
   Output to 35A, 600 Vac (slimpac) Solid-State Relays
03/2014
More results

Similar Description - DH48D12-40

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DC100 WALL-DC100 Datasheet
655Kb / 8P
   2:1 Wide Input Voltage Ranges
logo
Recom International Pow...
RS3 RECOM-RS3 Datasheet
123Kb / 3P
   2:1 and 3:1 Wide Input Voltage Ranges
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
   2 1 and 3 1 Wide Input Voltage Ranges
RSO RECOM-RSO Datasheet
103Kb / 3P
   2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
   2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
   2:1 Input Voltage Ranges
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
   2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
   2:1 Input Voltage Ranges
LANCY WALL-LANCY Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
CMMM WALL-CMMM Datasheet
272Kb / 7P
   2:1 Input Voltage Ranges 18~30 Watt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com