Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-SERIES Datasheet(PDF) 5 Page - Keysight Technologies

Part # S-SERIES
Description  Infiniium S-Series High-Definition Oscilloscopes
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

S-SERIES Datasheet(HTML) 5 Page - Keysight Technologies

  S-SERIES_18 Datasheet HTML 1Page - Keysight Technologies S-SERIES_18 Datasheet HTML 2Page - Keysight Technologies S-SERIES_18 Datasheet HTML 3Page - Keysight Technologies S-SERIES_18 Datasheet HTML 4Page - Keysight Technologies S-SERIES_18 Datasheet HTML 5Page - Keysight Technologies S-SERIES_18 Datasheet HTML 6Page - Keysight Technologies S-SERIES_18 Datasheet HTML 7Page - Keysight Technologies S-SERIES_18 Datasheet HTML 8Page - Keysight Technologies S-SERIES_18 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
05 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Industry’s Best Signal Integrity
S-Series next-generation technology blocks enable superior measurements
10-bit ADC
Each model incorporates the industry’s fastest 10-bit ADC with a sample rate of
40 GSa/s� This yields 2 channels at 20 GSa/s or 4 channels at 10 GSa/s�
– 4X more vertical resolution than 8-bit oscilloscopes
– ADC ENOB up to 8�7 contributes to high system ENOB values
– Up to 12 bits of resolution with high-res mode
– SNR are better than historical 8-bit ADC architectures
– Vertical scaling as low as 2 mV/div supported in hardware
The heart of the oscilloscope is a 20-layer acquisition board with 16 custom ASICs and FPGAs� New technology blocks deliver superior
signal integrity� You’ll get superior measurements that you won’t get with any other portable scope on the market�
Keysight’s new 10-bit ADC
– 65 nm CMOS (9 mm x 14 mm)
– 130 nm BiCMOS buffer IC
– Custom 33 mm BGA package
Superior low-noise front end
– 10-bit ADC’s usefulness is dependent on the low-noise front end that supports the
additional quantization levels� Each S-Series oscilloscope incorporates the industry’s
lowest noise front end for portable oscilloscopes with bandwidth up to 8 GHz
– 50 Ω and 1 MΩ input support, each path with bandwidth limit filter support
– Analog and DSP bandwidth limit filters to reduce unwanted noise
– 90 uV noise at 1 GHz bandwidth allows viewing of small signal detail
– 2 mV/div vertical scaling in hardware (in combination with ADC)
– HW bandwidth limit filters on both 50 Ω and 1 MΩ paths
– Gold-plated precision BNCs rated in excess of 8 GHz bandwidth
– Electronic attenuators for decreased noise and increased reliability
– Lower bandwidth models are upgradable to any higher bandwidth model with an
instant user-installed software license
S-Series front-end includes three new
custom ICs including a 130 nm BiiCMOS IC
that incorporates user-selectable analog
filters and bandwidth upgrades via a
software license�


Similar Part No. - S-SERIES_18

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
S-SERIES KEYSIGHT-S-SERIES Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
logo
Ohmite Mfg. Co.
S-SERIES OHMITE-S-SERIES Datasheet
502Kb / 2P
   High Current Shunts
More results

Similar Description - S-SERIES_18

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
MSOS804A KEYSIGHT-MSOS804A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS204A KEYSIGHT-MSOS204A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS104A KEYSIGHT-DSOS104A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS254A KEYSIGHT-DSOS254A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS404A KEYSIGHT-DSOS404A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS204A KEYSIGHT-DSOS204A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS054A KEYSIGHT-MSOS054A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS104A KEYSIGHT-MSOS104A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS254A KEYSIGHT-MSOS254A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
S-SERIES KEYSIGHT-S-SERIES Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS404A KEYSIGHT-MSOS404A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com