Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V-SERIES Datasheet(PDF) 38 Page - Keysight Technologies

Part # V-SERIES
Description  Infiniium V-Series Oscilloscopes
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

V-SERIES Datasheet(HTML) 38 Page - Keysight Technologies

Back Button V-SERIES_17 Datasheet HTML 34Page - Keysight Technologies V-SERIES_17 Datasheet HTML 35Page - Keysight Technologies V-SERIES_17 Datasheet HTML 36Page - Keysight Technologies V-SERIES_17 Datasheet HTML 37Page - Keysight Technologies V-SERIES_17 Datasheet HTML 38Page - Keysight Technologies V-SERIES_17 Datasheet HTML 39Page - Keysight Technologies V-SERIES_17 Datasheet HTML 40Page - Keysight Technologies V-SERIES_17 Datasheet HTML 41Page - Keysight Technologies V-SERIES_17 Datasheet HTML 42Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
38 | Keysight | Infiniium V-Series Oscilloscopes - Data Sheet
Acquisition
Acquisition - oscilloscope channels
V084A
V134A
V164A
V204A
V254A
V334A
Maximum real-time sample rate
2 channels
80 GSa/s
80 GSa/s
80 GSa/s
80 GSa/s
80 GSa/s
80 GSa/s
4 channels
40 GSa/s
40 GSa/s
40 GSa/s
40 GSa/s
40 GSa/s
40 GSa/s
Memory depth per channel
4 channels
2 channels
Standard
50 Mpts
100 Mpts
Option 100 (standard on DSA model)
100 Mpts
200 Mpts
Option 200
200 Mpts
500 Mpts
Option 500
500 Mpts
1 Gpts
Option 01G
1 Gpts
1 Gpts
Option 02G
2 Gpts
2 Gpts
Maximum acquired time at highest
real-time resolution
40 GSa/s
80 GSa/s
Standard
1.25 ms
1.25 ms
Option 100 (standard on DSA model)
2.5 ms
2.5 ms
Option 200
5 ms
5 ms
Option 500
12.5 ms
12.5 ms
Option 01G
25 ms
12.5 ms
Option 02G
50 ms
25 ms
Maximum waveform update rate
> 400,000 waveforms per second (when in segmented memory mode)
Infiniium V-Series Performance Characteristics (Continued)
Sampling modes - oscilloscope channels
Real-time
Successive single shot acquisitions
Real-time with averaging
Averages are selectable from 2 to 65,534
Real-time with peak detect
80 GSa/s in 2-channel mode, 40 GSa/s in 4-channel mode
Real-time with hi-resolution
Real-time boxcar averaging reduces random noise and increases resolution
Equivalent time
Resolution 338 fs
Gaussian magnitude, linear phase
Slow filter roll off while maintaining linear phase
Roll mode
Scrolls sequential waveform points across the display in a right-to-left rolling motion. Works at sample rates up
to 10 MSa/s with a maximum record length of 40 Mpts.
Segmented memory
Captures bursting signals at maximum sample rate without consuming memory during periods of inactivity.
– Maximum time between triggers is 562,950 seconds
– Re-arm time: 2.5 μs
Memory depth:
20 M
50 M
100 M
200 M
500 M
1 G
2 G
Max # of segments:
4096
8192
16384
32768
65536
131072
131072
Filters - Sin(x)/x interpolation
On/off selectable FIR digital filter. Digital signal process adds points between acquired data points to enhance
measurement accuracy and waveform display.
Acquisition - digital channels
Maximum real-time sample rate
10 GSa/s with 16 channels, 20 GSa/s with 8 channels
Maximum memory depth per channel
Up to 1 Gpts
Minimum width glitch detection
50 ps


Similar Part No. - V-SERIES_17

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
More results

Similar Description - V-SERIES_17

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
N5393E KEYSIGHT-N5393E Datasheet
3Mb / 25P
   Infiniium Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ594A KEYSIGHT-DSAZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ334A KEYSIGHT-DSOZ334A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ504A KEYSIGHT-DSOZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com