Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9485A Datasheet(PDF) 32 Page - Keysight Technologies

Part # M9485A
Description  M9485A PXIe Multiport Vector Network Analyzer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9485A Datasheet(HTML) 32 Page - Keysight Technologies

Back Button M9485A_17 Datasheet HTML 28Page - Keysight Technologies M9485A_17 Datasheet HTML 29Page - Keysight Technologies M9485A_17 Datasheet HTML 30Page - Keysight Technologies M9485A_17 Datasheet HTML 31Page - Keysight Technologies M9485A_17 Datasheet HTML 32Page - Keysight Technologies M9485A_17 Datasheet HTML 33Page - Keysight Technologies M9485A_17 Datasheet HTML 34Page - Keysight Technologies M9485A_17 Datasheet HTML 35Page - Keysight Technologies M9485A_17 Datasheet HTML 36Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
32 | Keysight | M9485A PXIe Multiport Vector Network Analyzer 1 MHz/50 MHz to 9 GHz - Data Sheet
M9378A PXIe vector vetwork analyzer coupler
M9378B PXIe vector vetwork analyzer coupler with Bias T
Description
Specification
Frequency range
50 MHz to 9 GHz
Test coupler
Description
Specification
Typical
Test Port Match / Thru Port Match
10 M to 50 MHz
50 M to 6 GHz
6 G to 9 GHz
12 dB
9 dB
25 dB
13 dB
11 dB
Arm Port Match
10 M to 50 MHz
50 M to 6 GHz
6 G to 9 GHz
12 dB
9 dB
9 dB
13 dB
11 dB
Insertion Loss
10 M to 50 MHz
50 M to 2 GHz
2 G to 4 GHz
4 G to 6 GHz
6 G to 9 GHz
9 G to 12 GHz
12 G to 14 GHz
1.5 dB
2.2 dB
2.7 dB
3.5 dB
0.5 dB
1.0 dB
1.5 dB
1.9 dB
3.0 dB
4.0 dB
4.5 dB
Coupling Factor
10 M to 800 MHz
50 M to 100 MHz
100 M to 200 MHz
200 M to 400 MHz
400 M to 800 MHz
800 M to 9 GHz
9 G to 14 GHz
-26 to -43 dB
-20 to -37 dB
-15 to -31 dB
-13.5 to -25 dB
-13.5 to -19.5 dB
(20 x log
10(f )-12-3.3 f
2
± 1) dB, f in GHz
-14 to -17 dB
-14 to -18 dB
Directivity
10 M to 50 MHz
50 M to 6 GHz
6 G to 9 GHz
10 dB minimum
5 dB minimum
10 dB minimum
12 dB minimum
7 dB minimum


Similar Part No. - M9485A_17

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9485A KEYSIGHT-M9485A Datasheet
1Mb / 7P
   M9161D PXI Dual SP4T Solid State Switch Module
M9485A KEYSIGHT-M9485A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9485A KEYSIGHT-M9485A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
More results

Similar Description - M9485A_17

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Keysight Technologies
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com