Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DH48S15-50 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DH48S15-50
Description  50 Watt DC/DC Power Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DH48S15-50 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DH48S15-50 Datasheet HTML 1Page - Wall Industries,Inc. DH48S15-50 Datasheet HTML 2Page - Wall Industries,Inc. DH48S15-50 Datasheet HTML 3Page - Wall Industries,Inc. DH48S15-50 Datasheet HTML 4Page - Wall Industries,Inc. DH48S15-50 Datasheet HTML 5Page - Wall Industries,Inc. DH48S15-50 Datasheet HTML 6Page - Wall Industries,Inc. DH48S15-50 Datasheet HTML 7Page - Wall Industries,Inc. DH48S15-50 Datasheet HTML 8Page - Wall Industries,Inc. DH48S15-50 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev F
DH50 SERIES
50 Watt DC/DC Power Converters
05/16/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 11
SPECIFICATIONS: DH50 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
REMOTE ON/OFF (Page 10)
Positive Logic
Converter On
3.5 ~ 12V or open circuit
Converter Off
0V ~ 1.2 or short circuit
Control Input
Current
On
Vctrl = 5.0V
0.5
mA
Off
Vctrl = 0V
-0.5
Control Common
Referenced to negative input
Stand-by Input Current
Nominal Vin
2.5
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature (W/O
Heatsink)
(see derating curves on pages 6-7)
Natural air convection
(20LFM)
Nominal Vin and full load
3.3VDC Output Models
-40
+56
°C
DH24S5-50, DH24S12-50
DH24S15-50, DH48S5-50
DH48S12-50, DH48S15-50
-40
+53
°C
DH12S12-50, DH12S15-50,
DH12S24-50, DH24S24-50,
DH48S24-50
-40
+46
°C
DH12S5-50
-40
+38
°C
Operating Temperature (W/
Heatsink)
(see derating curves on pages 6-7)
Natural air convection
(20LFM)
Nominal Vin and full load
3.3VDC Output Models
-40
+64
°C
DH24S5-50, DH24S12-50
DH24S15-50, DH48S5-50
DH48S12-50, DH48S15-50
-40
+62
°C
DH12S12-50, DH12S15-50,
DH12S24-50, DH24S24-50,
DH48S24-50
-40
+56
°C
DH12S5-50
-40
+49
°C
Thermal Impedance (W/O
Heatsink)
Natural convection (20LFM)
12.1
°C/W
100LFM convection
9.2
200LFM convection
7.8
400LFM convection
5.2
Thermal Impedance (W/ Heatsink)
Natural convection (20LFM)
9.8
°C/W
100LFM convection
5.4
200LFM convection
4.5
400LFM convection
3.0
Case Temperature
+105
°C
Storage Temperature
-50
+125
°C
Humidity (non-condensing)
95
% RH
RFI
Six-sided shielding, metal case
Cooling
Natural convection is about 20LFM but is not equal to still air (0LFM)
natural convection
Lead Temperature
1.5mm from case for 10 seconds
260
°C
MTBF (calculated)
MIL-HDBK-217F at 25°C, Ground Benign
224,700
hours
PHYSICAL SPECIFICATIONS
Weight
1.06oz (30g)
Dimensions (L x W x H)
2.00 x 1.00 x 0.43 inches
(50.8 x 25.4 x 11.0 mm)
Case Material
Aluminum alloy, black anodized coating
Base Material
FR4 PCB (flammability to UL 94V-0 rated)
Potting Material
Epoxy (UL94-V0)
Pin Material
Copper alloy with gold plate over nickel sub-
plate
Heatsink (optional)
“HS” suffix
See page 4
SAFETY & EMC
Safety Approvals
UL/cUL 60950-1 recognition (CSA certificate)
IEC/EN 60950-1 (CB-scheme)
EMI (See Note 3)
EN55032, FCC part 15
Class A
EMS
EN55024
ESD
EN61000-4-2
Air: ±8KV, Contact:
±6KV
A
Radiated Immunity
EN61000-4-3
10V/m
A
Fast Transient (See Note 4)
EN61000-4-4
±2KV
A
Surge (See Note 4)
EN61000-4-5
±1KV
A
Conducted Immunity
EN61000-4-6
10V/m
A


Similar Part No. - DH48S15-50

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DH48S15-40 WALL-DH48S15-40 Datasheet
1Mb / 13P
   2:1 Wide Input Voltage Ranges
More results

Similar Description - DH48S15-50

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DHW50 WALL-DHW50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
logo
Power-One
AM1001-7R POWER-ONE-AM1001-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
12H1001-2R POWER-ONE-12H1001-2R Datasheet
141Kb / 4P
   50 Watt DC-DC Converters
LH1001-2R POWER-ONE-LH1001-2R Datasheet
63Kb / 4P
   50 Watt AC-DC Converters
logo
Tumbler Technologies + ...
PD65-10 TRUMPOWER-PD65-10 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
PD65 TRUMPOWER-PD65 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
logo
Power-One
LM1001-7R POWER-ONE-LM1001-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com