Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9352A Datasheet(PDF) 8 Page - Keysight Technologies

Part # M9352A
Description  PXIe Quad Downconverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9352A Datasheet(HTML) 8 Page - Keysight Technologies

  M9352A Datasheet HTML 1Page - Keysight Technologies M9352A Datasheet HTML 2Page - Keysight Technologies M9352A Datasheet HTML 3Page - Keysight Technologies M9352A Datasheet HTML 4Page - Keysight Technologies M9352A Datasheet HTML 5Page - Keysight Technologies M9352A Datasheet HTML 6Page - Keysight Technologies M9352A Datasheet HTML 7Page - Keysight Technologies M9352A Datasheet HTML 8Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
myKeysight
www.keysight.com/find/mykeysight
A personalized view into the information most relevant to you.
www.pxisa.org
PCI eXtensions for Instrumentation (PXI) modular instrumentation delivers a
rugged, PC-based high-performance measurement and automation system.
PICMG® and the PICMG logo are registered US trademarks of the PCI Industrial Computer
Manufacturers Group. PCI-SIG®, PCIe®, and the PCI Express® are US registered trade-
marks and/or service marks of PCI-SIG.
www.keysight.com/find/modular
www.keysight.com/find/m9362ad01
For more information on Keysight
Technologies’ products, applications or
services, please contact your local Keysight
office. The complete list is available at:
www.keysight.com/find/contactus
Americas
Canada
(877) 894 4414
Brazil
55 11 3351 7010
Mexico
001 800 254 2440
United States
(800) 829 4444
Asia Pacific
Australia
1 800 629 485
China
800 810 0189
Hong Kong
800 938 693
India
1 800 112 929
Japan
0120 (421) 345
Korea
080 769 0800
Malaysia
1 800 888 848
Singapore
1 800 375 8100
Taiwan
0800 047 866
Other AP Countries
(65) 6375 8100
Europe & Middle East
Austria
0800 001122
Belgium
0800 58580
Finland
0800 523252
France
0805 980333
Germany
0800 6270999
Ireland
1800 832700
Israel
1 809 343051
Italy
800 599100
Luxembourg
+32 800 58580
Netherlands
0800 0233200
Russia
8800 5009286
Spain
800 000154
Sweden
0200 882255
Switzerland
0800 805353
Opt. 1 (DE)
Opt. 2 (FR)
Opt. 3 (IT)
United Kingdom
0800 0260637
For other unlisted countries:
www.keysight.com/find/contactus
(BP-09-23-14)
08 | Keysight | M9362AD01 PXIe Quad Downconverter - Data Sheet
This information is subject to change without notice.
© Keysight Technologies, 2013-2014
Published in USA, December 15, 2014
5990-6624EN
www.keysight.com


Similar Part No. - M9352A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9352A KEYSIGHT-M9352A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
More results

Similar Description - M9352A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M924XA KEYSIGHT-M924XA Datasheet
3Mb / 21P
   InfiniiVision PXIe Modular Oscilloscopes
logo
Mitel Networks Corporat...
SL1710 MITEL-SL1710 Datasheet
508Kb / 12P
   Quadrature Downconverter
SL1711 MITEL-SL1711 Datasheet
566Kb / 20P
   Quadrature Downconverter
logo
Keysight Technologies
M9010A KEYSIGHT-M9010A Datasheet
2Mb / 13P
   M9010A PXIe Chassis
logo
Intersil Corporation
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
2Mb / 62P
   Programmable Downconverter
May 1, 2007
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
   Programmable Downconverter
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
   Programmable Downconverter
logo
Keysight Technologies
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
   Programmable Downconverter
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
   Programmable Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com