Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9310A Datasheet(PDF) 5 Page - Keysight Technologies

Part # M9310A
Description  M9389A PXIe Vector Network Analyzer Source
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9310A Datasheet(HTML) 5 Page - Keysight Technologies

  M9310A Datasheet HTML 1Page - Keysight Technologies M9310A Datasheet HTML 2Page - Keysight Technologies M9310A Datasheet HTML 3Page - Keysight Technologies M9310A Datasheet HTML 4Page - Keysight Technologies M9310A Datasheet HTML 5Page - Keysight Technologies M9310A Datasheet HTML 6Page - Keysight Technologies M9310A Datasheet HTML 7Page - Keysight Technologies M9310A Datasheet HTML 8Page - Keysight Technologies M9310A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
05 | Keysight | M9389A PXIe Vector Network Analyzer Source - Data Sheet
Technical Specifications and Characteristics
Amplitude (continued)
Figure 4. Amplitude repeatability at various
carrier frequencies. Repeatability measures
the ability of the instrument to return to a given
power setting after a random excursion to any
other frequency and power setting. It should not
be confused with absolute level accuracy.
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
0
20
40
60
80
100
120
Elapsed Time (minutes)
Amplitude Repeatability +10 dBm ALC On
850 MHz
1900 MHz
2200 MHz
3500 MHz
5800 MHz
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
-120
-100
-80
-60
-40
-20
0
20
Power Level (dBm)
Relative Level Accuracy
ALC On
0.85 GHz
1.8 GHz
2 GHz
2.2 GHz
3.5 GHz
5.8 GHz
Figure 5. Relative level accuracy at various carrier
frequencies.


Similar Part No. - M9310A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M93 MACOM-M93 Datasheet
411Kb / 3P
   Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M93 MA-COM-M93 Datasheet
128Kb / 3P
   Triple-Balanced Mixer
M93 MA-COM-M93 Datasheet
643Kb / 4P
   Triple-Balanced Mixer
logo
Keysight Technologies
M9300A KEYSIGHT-M9300A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Similar Description - M9310A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Keysight Technologies
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com