Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9391A Datasheet(PDF) 18 Page - Keysight Technologies

Part No. M9391A
Description  M9391A PXIe Vector Signal Analyzer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9391A Datasheet(HTML) 18 Page - Keysight Technologies

Back Button M9391A_17 Datasheet HTML 14Page - Keysight Technologies M9391A_17 Datasheet HTML 15Page - Keysight Technologies M9391A_17 Datasheet HTML 16Page - Keysight Technologies M9391A_17 Datasheet HTML 17Page - Keysight Technologies M9391A_17 Datasheet HTML 18Page - Keysight Technologies M9391A_17 Datasheet HTML 19Page - Keysight Technologies M9391A_17 Datasheet HTML 20Page - Keysight Technologies M9391A_17 Datasheet HTML 21Page - Keysight Technologies M9391A_17 Datasheet HTML 22Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18 | Keysight | M9391A PXIe Vector Signal Analyzer - Data Sheet
Description
Specifications
Supplemental Information
Gain
Instrument uncertainty53
DUT gain range = -20 to +40 dB. See note54
< 10 MHz
10 MHz to 6 GHz
± 0.21 dB
53. “Instrument Uncertainty” is defined for gain measurements as uncertainty due to relative amplitude uncertainties encountered in the analyzer when making
the measurements required for the gain computation. See Keysight App Note 57-2, literature number 5952-3706E for details on the use of this specification.
Jitter (amplitude variations) will also affect the accuracy of results. The standard deviation of the measured result decreases by a factor of the square root
of the Resolution Bandwidth used and by the square root of the number of averages. This application uses the 4 MHz Resolution Bandwidth as default since
this is the widest bandwidth with uncompromised accuracy. Under difficult conditions (low Y factors), the instrument uncertainty for gain in high band can
dominate the NF uncertainty as well as causing errors in the measurement of gain. These effects can be predicted with the uncertainty calculator.
54. Uncertainty performance of the instrument is nominally the same in this frequency range as in the higher frequency range. However, performance is not
warranted in this range. There is a paucity of available noise sources in this range, and the analyzer has poorer noise figure, leading to higher uncertainties
as computed by the uncertainty calculator.
Description
Specifications
Supplemental Information
Noise figure uncertainty calculator55
Instrument noise figure uncertainty
See the noise figure table earlier in this chapter
Instrument gain uncertainty
See the gain table earlier in this chapter
Instrument noise figure
See graphs of “nominal instrument noise
figure”; noise figure is DANL + 176.24 dB
(nominal)56
Instrument input match
See graphs: nominal VSWR
55. The Noise Figure Uncertainty Calculator requires the parameters shown in order to calculate the total uncertainty of a Noise Figure measurement.
56. Nominally, the noise figure of the spectrum analyzer is given by NF = D — (K — L + N + B) where D is the DANL (displayed average noise level) specification,
K is kTB (-173.98 dBm in a 1 Hz bandwidth at 290 K) L is 2.51 dB (the effect of log averaging used in DANL verifications) N is 0.24 dB (the ratio of the noise
bandwidth of the RBW filter with which DANL is specified to an ideal noise bandwidth) B is ten times the base-10 logarithm of the RBW (in hertz) in which
the DANL is specified. B is 0 dB for the 1 Hz RBW. The actual NF will vary from the nominal due to frequency response errors.
Nominal instrument NF, 0.01 to 6 GHz, range = -28 dBm
0
7
8
9
10
11
12
13
14
15
16
17
1
23456
GHz


Similar Part No. - M9391A_17

ManufacturerPart No.DatasheetDescription
Keysight Technologies
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Similar Description - M9391A_17

ManufacturerPart No.DatasheetDescription
Keysight Technologies
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
National Instruments Corporation
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
Keysight Technologies
Keysight Technologies
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz