Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9391A Datasheet(PDF) 17 Page - Keysight Technologies

Part No. M9391A
Description  M9391A PXIe Vector Signal Analyzer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9391A Datasheet(HTML) 17 Page - Keysight Technologies

Back Button M9391A_17 Datasheet HTML 13Page - Keysight Technologies M9391A_17 Datasheet HTML 14Page - Keysight Technologies M9391A_17 Datasheet HTML 15Page - Keysight Technologies M9391A_17 Datasheet HTML 16Page - Keysight Technologies M9391A_17 Datasheet HTML 17Page - Keysight Technologies M9391A_17 Datasheet HTML 18Page - Keysight Technologies M9391A_17 Datasheet HTML 19Page - Keysight Technologies M9391A_17 Datasheet HTML 20Page - Keysight Technologies M9391A_17 Datasheet HTML 21Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17 | Keysight | M9391A PXIe Vector Signal Analyzer - Data Sheet
Technical Specifications and Characteristics
Measurement speed46
IQ data capture 47
Nominal
Large block (50 MSamples)
1.5 s
Transferred in 100 kSa or 1 MSa blocks
Small block (100 captures, 100 ksamples each)
292 ms
Transferred in 10 kSa blocks
Adjust level, freq (10 ksamples)
1.7 ms
Transferred in 10 kSa blocks
Power measurements 48
Channel power settings & filter bandwidth
Acquisition Time
Averages
Nominal
3.84 MHz
400 µs
None
1.8 ms
10
7.6 ms
100 µs
None
1.3 ms
10
4.1 ms
50 µs
None
1.3 ms
10
3.4 ms
30 kHz
100 µs
None
3.9 ms
10
30.4 ms
46. EVM, ACPR and servo loop test times for the RF power amplifier test, reference solution are included in the solution brochure 5991-4104EN.
47. Capture block, transfer to host memory, 160 MHz BW, excludes frequency transitions below 400 MHz, with M9037A embedded controller
(2-link configuration: 1 x 8 [factory default]).
48. Transfer to host memory, 160 MHz IF bandwidth filter, excludes frequency transitions below 400 MHz, with M9037A embedded controller
(2-link configuration: 1 x 8 [factory default]).
Noise Figure Measurement Application
Description
Specifications
Supplemental Information
Noise figure
Uncertainty calculator49
< 10 MHz
See footnote50
10 MHz to 6 GHz
Internal and external preamplification
recommended51
Noise source ENR
Measurement range
Instrument uncertainty52
4 to 6.5 dB
0 to 20 dB
± 0.054 dB
12 to 17 dB
0 to 30 dB
± 0.102 dB
20 to 22 dB
0 to 35 dB
± 0.119 dB
49. The figures given in the table are for the uncertainty added by the X-Series Signal Analyzer instrument only. To compute the total uncertainty for your noise
figure measurement, you need to take into account other factors including: DUT NF, Gain and Match, Instrument NF, Gain Uncertainty and Match; Noise
source ENR uncertainty and Match. The computations can be performed with the uncertainty calculator included with the Noise Figure Measurement
Personality. Go to Mode Setup then select Uncertainty Calculator. Similar calculators are also available on the Keysight web site; go to http://www.
keysight.com/find/nfu.
50. Uncertainty performance of the instrument is nominally the same in this frequency range as in the higher frequency range. However, performance is not
warranted in this range. There is a paucity of available noise sources in this range, and the analyzer has poorer noise figure, leading to higher uncertainties
as computed by the uncertainty calculator.
51. The NF uncertainty calculator can be used to compute the uncertainty. For most DUTs of normal gain, the uncertainty will be quite high without
preamplification.
52. “Instrument Uncertainty” is defined for noise figure analysis as uncertainty due to relative amplitude uncertainties encountered in the analyzer when making
the measurements required for a noise figure computation. The relative amplitude uncertainty depends on, but is not identical to, the relative display scale
fidelity, also known as incremental log fidelity. The uncertainty of the analyzer is multiplied within the computation by an amount that depends on the Y
factor to give the total uncertainty of the noise figure or gain measurement. See Keysight App Note 57-2, literature number 5952-3706E for details on the
use of this specification. Jitter (amplitude variations) will also affect the accuracy of results. The standard deviation of the measured result decreases by a
factor of the square root of the Resolution Bandwidth used and by the square root of the number of averages. This application uses the 4 MHz Resolution
Bandwidth as default because this is the widest bandwidth with uncompromised accuracy.


Similar Part No. - M9391A_17

ManufacturerPart No.DatasheetDescription
Keysight Technologies
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Similar Description - M9391A_17

ManufacturerPart No.DatasheetDescription
Keysight Technologies
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
National Instruments Corporation
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
Keysight Technologies
Keysight Technologies
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz