Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9391A Datasheet(PDF) 16 Page - Keysight Technologies

Part No. M9391A
Description  M9391A PXIe Vector Signal Analyzer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9391A Datasheet(HTML) 16 Page - Keysight Technologies

Back Button M9391A_17 Datasheet HTML 12Page - Keysight Technologies M9391A_17 Datasheet HTML 13Page - Keysight Technologies M9391A_17 Datasheet HTML 14Page - Keysight Technologies M9391A_17 Datasheet HTML 15Page - Keysight Technologies M9391A_17 Datasheet HTML 16Page - Keysight Technologies M9391A_17 Datasheet HTML 17Page - Keysight Technologies M9391A_17 Datasheet HTML 18Page - Keysight Technologies M9391A_17 Datasheet HTML 19Page - Keysight Technologies M9391A_17 Datasheet HTML 20Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
16 | Keysight | M9391A PXIe Vector Signal Analyzer - Data Sheet
Technical Specifications and Characteristics
Data acquisition
Maximum capture memory
Non-list mode
List mode
Option M01
128 MSample (512 MB)
128 MSample (512 MB)
Option M05
512 MSample (2 GB)
512 MSample (2 GB)
Option M10
1 GSample (4 GB) 38
512 MSample (2 GB) to ~ 1 GSample
(3.999 GB) 39
Segments
Minimum length
1 sample 40
Maximum length
Full capture memory 38
Maximum sample rate
Option B04 / 40 MHz
50 MS/s complex, 100 MS/s real
Option B10 / 100 MHz
125 MS/s complex, 250 MS/s real
Option B16 / 160 MHz
200 MS/s complex, 400 MS/s real
List mode
Maximum number of segments
3201
Trigger sources
External, magnitude
Trigger modes
Per acquisition, interval timer trigger
Triggering
Delay range 41
−500 ms to +500 ms, nominal
Delay resolution
1 sample, nominal
External trigger signal frequency range
10 to 30 MHz for pulse
External trigger signal level
TTL
External trigger signal duty cycle range
20% to 80%
External trigger signal waveform
Sine, pulse/square, ramp (symmetry 0% to 100%)
Channel-to-channel synchronization 42
Timing
Phase
Skew
≤400 ps, nominal
Jitter 43
≤50 ps, nominal
≤0.3°, nominal
Repeatability 44
≤80 ps, nominal
≤1.0°, nominal
Adjustment resolution 45
50 ps
0.05°
Drift over 12 hours
20 ps, nominal
0.5°, nominal
38. The default mode for allocation of capture memory is AgM9391MemoryModeNormal, where the digitizer’s memory is shared by both the default
single acquisition (capture ID = 0) and all the other acquisitions with non-zero capture IDs. In particular, the memory for the default single
acquisition is allocated from the area unused by the list acquisitions. If the available memory is not sufficient for the single acquisition, the user
must release memory allocated for the non-zero capture ID acquisitions manually, thus increasing free space. Total memory usage is limited
according to the memory option. Note that the maximum size of acquisition is 2 GB in this mode. To perform the default single acquisition with
memory size larger than 2 GB, AgM9391MemoryModeLargeAcquisition must be selected. The non-zero capture ID acquisitions cannot be per
formed in this mode. All data acquired with AGM9391MemoryMode Normal will be invalidated.
39. The maximum size for a single list point capture is limited to 512 MSamples (2 GB). However, with option M10, total capture of up to 3.999 GB
is available across all list mode captures.
40. 64-bit mode, 2 samples for 32-bit mode.
41. Negative trigger delay limited to capture size.
42. Multi-channel capability only supported with up to 8-channels when configured with a Keysight M9018A PXIe chassis with FPGA version 1.05 or greater.
Characteristics measured at 400, 900, 2400, 5800 MHz and apply in Auto Conversion mode at frequencies ≥400 MHz with IF filter = 160 MHz. V2802A LO
distribution network used for phase synchronization for more than 4 channels.
43. Jitter indicates measurement-to-measurement variation and applies over short time interval at room temperature without resetting or reinitializing a driver
session.
44. Repeatability indicates stability of alignment between channels across power cycles and IVI sessions, with identical cabling and hardware settings
(frequency, span, sample rate, etc.)
45. Channel time and phase offsets can be adjusted using OffsetDelay and OffsetPhase properties respectively.


Similar Part No. - M9391A_17

ManufacturerPart No.DatasheetDescription
Keysight Technologies
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Similar Description - M9391A_17

ManufacturerPart No.DatasheetDescription
Keysight Technologies
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
National Instruments Corporation
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
Keysight Technologies
Keysight Technologies
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz