Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9391A Datasheet(PDF) 4 Page - Keysight Technologies

Part No. M9391A
Description  M9391A PXIe Vector Signal Analyzer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9391A Datasheet(HTML) 4 Page - Keysight Technologies

  M9391A_17 Datasheet HTML 1Page - Keysight Technologies M9391A_17 Datasheet HTML 2Page - Keysight Technologies M9391A_17 Datasheet HTML 3Page - Keysight Technologies M9391A_17 Datasheet HTML 4Page - Keysight Technologies M9391A_17 Datasheet HTML 5Page - Keysight Technologies M9391A_17 Datasheet HTML 6Page - Keysight Technologies M9391A_17 Datasheet HTML 7Page - Keysight Technologies M9391A_17 Datasheet HTML 8Page - Keysight Technologies M9391A_17 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
04 | Keysight | M9391A PXIe Vector Signal Analyzer - Data Sheet
Definitions for specifications
Temperatures referred to in this document are defined as follows:
– Full temperature range = Individual module temperature of 25
to 75 °C, as reported by the module, and environment
temperature of 0 to 55 °C.
– Controlled temperature range = Individual module tempera-
ture of 40 to 51 °C, as reported by the module, and environ-
ment temperature of 20 to 30 °C.
Specifications describe the warranted performance of calibrated
instruments. Data represented in this document are specifications
under the following conditions unless otherwise noted.
– Calibrated instruments have been stored for a minimum of 2
hours within the full temperature range
– 45 minute warm-up time
– Calibration cycle maintained
– When used with Keysight M9300A frequency reference and
Keysight interconnect cables
Characteristics describe product performance that is useful in
the application of the product, but that is not covered by the
product warranty. Characteristics are often referred to as
Typical or Nominal values and are italicized.
– Typical describes characteristic performance, which 80% of
instruments will meet when operated
within the controlled temperature range.
– Nominal describes representative performance that is useful
in the application of the product when
operated within the controlled temperature range.
Recommended best practices in use
– Use slot blockers and EMC filler panels in empty module slots
to ensure proper operating temperatures. Keysight chassis
and slot blockers optimize module temperature performance
and reliability of test.
– Set chassis fan to high at environmental temperatures above
45 °C
– Maintain temperature stability for best multi-channel phase
coherence
– Set chassis fans to maximum
– Maintain stable ambient temperature
– Perform warm-up with session open and representative
acquisition waveform running
Conversion type operating range
Conversion types
Frequency range
Auto
1 MHz to 3 or 6 GHz
Image protect
1 MHz to 3 or 6 GHz
Single high
400 MHz to 3 or 6 GHz
Single low
1.1 GHz to 3 or 6 GHz
Additional information
– Mixer level offset modifies the receiver gain prior to the first
mixer of the receiver. A negative setting improves distortion
(i.e., TOI) at the cost of noise performance (i.e., DANL). A
positive setting improves noise performance at the cost of
distortion.
– Performance described in this document applies for module
temperature within ± 3 degrees of comprehensive alignment,
unless otherwise noted.
– When used with a Keysight M9018A PXIe chassis, compre-
hensive alignment requires chassis FPGA version 1.05 or
greater.
– When configured for multi-channel, phase-coherent
operation (shared synthesizer configuration), instrument level
warranted specifications only apply to the M9391A which
was previously calibrated with the M9301A synthesizer,
showing a valid calibration indicator. For all other M9391A
channels, specifications revert to typical performance. If
using an external LO distribution unit, such as the V2802A LO
distribution network, specifications for all M9391A channels
revert to typical performance.
– All graphs contain measured data from one unit and is
representative of product performance within the controlled
temperature range unless otherwise noted.
– The specifications contained in this document are subject to
change.
Technical Specifications and Characteristics


Similar Part No. - M9391A_17

ManufacturerPart No.DatasheetDescription
Keysight Technologies
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Similar Description - M9391A_17

ManufacturerPart No.DatasheetDescription
Keysight Technologies
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
National Instruments Corporation
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
Keysight Technologies
Keysight Technologies
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz