Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9391A Datasheet(PDF) 23 Page - Keysight Technologies

Part No. M9391A
Description  M9391A PXIe Vector Signal Analyzer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9391A Datasheet(HTML) 23 Page - Keysight Technologies

Back Button M9391A_17 Datasheet HTML 19Page - Keysight Technologies M9391A_17 Datasheet HTML 20Page - Keysight Technologies M9391A_17 Datasheet HTML 21Page - Keysight Technologies M9391A_17 Datasheet HTML 22Page - Keysight Technologies M9391A_17 Datasheet HTML 23Page - Keysight Technologies M9391A_17 Datasheet HTML 24Page - Keysight Technologies M9391A_17 Datasheet HTML 25Page - Keysight Technologies M9391A_17 Datasheet HTML 26Page - Keysight Technologies M9391A_17 Datasheet HTML 27Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
23 | Keysight | M9391A PXIe Vector Signal Analyzer - Data Sheet
Technical Specifications and Characteristics
Environmental and physical specifications
Temperature
Operating
Non-operating (storage)
Individual module temp 25 to 75 °C as reported by the module
and environment temp of 0 to 55 °C
Environment temp of −40 to +70 °C
Humidity 74
Type tested at 95%, +40 °C
(non-condensing)
Shock/vibration 74
Operating random vibration
Survival random vibration
Functional shock
Bench handling
Type tested at 5 to 500 Hz, 0.21 g rms
Type tested at 5 to 500 Hz, 2.09 g rms
Type tested at half-sine, 30 g, 11 ms
Type tested per MIL-PRF-28800F
Altitude
Up to 15,000 feet (4,572 meters) 75
Connectors
RF In
SMA female
EMC
Complies with European EMC Directive 2004/108/EC
– IEC/EN 61326-2-1
– CISPR Pub 11 Group 1, class A
– AS/NZS CISPR 11
– ICES/NMB-001
This ISM device complies with Canadian ICES-001.
Cet appareil ISM est conforme a la norme NMB-001 du Canada.
Warm-up time
45 minutes
Size
M9300A
M9301A
M9350A
M9214A
1 PXIe slot
1 PXIe slot
1 PXIe slot
1 PXIe slot
Dimensions
Module
Length
Width
Height
M9300A
210 mm
22 mm
130 mm
M9301A
210 mm
22 mm
130 mm
M9350A
210 mm
22 mm
130 mm
M9214A
210 mm
22 mm
130 mm
Weight
M9300A
M9301A
M9350A
M9214A
0.55 kg (1.21 lbs)
0.54 kg (1.19 lbs)
0.56 kg (1.23 lbs)
0.36 kg (0.79 lbs)
Power drawn from chassis
M9300A
M9301A
M9350A
M9214A
≤ 18 W
≤ 25 W
≤ 30 W
≤ 35 W
74. Samples of this product have been type tested in accordance with the Keysight Environmental Test Manual and verified to be robust against the
environmental stresses of storage, transportation and end-use--those stresses include but are not limited to temperature, humidity, shock,
vibration, altitude and power-line conditions. Test methods are aligned with IEC 60068-2 and levels are similar to MIL-PRF-28800F Class 3.
75. At 15,000 feet, the maximum environmental temperature is de-rated to 52 °C.


Similar Part No. - M9391A_17

ManufacturerPart No.DatasheetDescription
Keysight Technologies
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Similar Description - M9391A_17

ManufacturerPart No.DatasheetDescription
Keysight Technologies
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
National Instruments Corporation
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
Keysight Technologies
Keysight Technologies
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz