Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCW48S15-150 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCW48S15-150
Description  200 Watts Maximum Output Power
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCW48S15-150 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCW48S15-150 Datasheet HTML 1Page - Wall Industries,Inc. DCW48S15-150 Datasheet HTML 2Page - Wall Industries,Inc. DCW48S15-150 Datasheet HTML 3Page - Wall Industries,Inc. DCW48S15-150 Datasheet HTML 4Page - Wall Industries,Inc. DCW48S15-150 Datasheet HTML 5Page - Wall Industries,Inc. DCW48S15-150 Datasheet HTML 6Page - Wall Industries,Inc. DCW48S15-150 Datasheet HTML 7Page - Wall Industries,Inc. DCW48S15-150 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev B
DCW150 & DCWD150 SERIES
DC/DC Converter
200 Watts, Single Output
4:1 Input Voltage Range
1/12/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 8
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24Vin (Nominal)
9
24
36
VDC
48Vin (Nominal)
18
48
75
110Vin (Nominal)
43
110
160
Start-Up Voltage
24Vin (Nominal)
9
VDC
48Vin (Nominal)
18
110Vin (Nominal)
43
Shutdown Voltage
24Vin (Nominal)
7.9
8.5
VDC
48Vin (Nominal)
15.6
16.8
110Vin (Nominal)
33.0
36.0
Input Surge Voltage
1 second, max.
24Vin (Nominal)
50
VDC
48Vin (Nominal)
100
110Vin (Nominal)
185
Input Filter
Pi Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Load Regulation
No Load to Full Load
-0.4
+0.4
%
Voltage Adjustability
Use a resistor across on the Trim1 and Trim2 to adjust the output voltage
+20
%
Output Power
200
W
Output Current
See Table
Maximum Capacitive Load
See Table
Ripple & Noise (20MHz bandwidth)
12V, 15V
100
mVp-p
24V, 28V
200
48V
350
Transient Response Recovery Time
25% Load Step Change
200
µS
Start-Up Time
Constant Resistive Load
Power Up
35
ms
Remote ON/OFF
35
Temperature Coefficient
-0.02
+0.02
%/ºC
REMOTE ON/OFF CONTROL(2)
Positive Logic
(Standard)
DC-DC ON
Open or 3~12VDC
DC-DC OFF
Short or 0~1.2VDC
Negative Logic
(Option)
DC-DC ON
Short or 0~1.2VDC
DC-DC OFF
Open or 3~12VDC
Input Current of CTRL Pin
-0.5
1
mA
Remote OFF Input Current
3.5
mA
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
% of Iout rated, CC Mode(3)
105
120
%
Over Voltage Protection
% of Vout (nominal); Hiccup
125
140
%
Over Temperature Protection
+110
ºC
ENVIRONMENTAL SPECIFICATIONS
Operating Case Temperature
-40
+100
ºC
Maximum Case Temperature
+100
ºC
Storage Temperature Range
-55
+125
ºC
Relative Humidity
5
95
%RH
Thermal Shock
MIL-STD-810F
Shock
EN61373, MIL-STF-810F
Vibration
EN61373, MIL-STD-810F
Thermal Impedance(4)
Vertical direction by natural convection (20LFM)
Only mount on the iron base-plate
Mount on the iron base-plate and top side with 7G-0058A heat-sink
ºC/W
2.55
2.0
MTBF
MIL-HDBK-217, Full Load
495,400
Hours


Similar Part No. - DCW48S15-150

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DCW-11-722 MINI-DCW-11-722 Datasheet
533Kb / 6P
   Directional Coupler
DCW-11-722++ MINI-DCW-11-722+ Datasheet
533Kb / 6P
   Directional Coupler
DCW-11-722++ MINI-DCW-11-722+ Datasheet
261Kb / 1P
   Directional Couplers TM
REV. A
DCW-14-472 MINI-DCW-14-472 Datasheet
263Kb / 2P
   Directional Coupler
REV. OR
DCW-14-472++ MINI-DCW-14-472+ Datasheet
263Kb / 2P
   Directional Coupler
REV. OR
More results

Similar Description - DCW48S15-150

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
   1.5 WATTS MAXIMUM OUTPUT POWER
HEC50-24S1P8 P-DUKE-HEC50-24S1P8 Datasheet
334Kb / 3P
   50 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com