Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9336A-B12 Datasheet(PDF) 11 Page - Keysight Technologies

Part # M9336A-B12
Description  M9336A PXIe I/Q Arbitrary Waveform Generator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9336A-B12 Datasheet(HTML) 11 Page - Keysight Technologies

Back Button M9336A-B12 Datasheet HTML 7Page - Keysight Technologies M9336A-B12 Datasheet HTML 8Page - Keysight Technologies M9336A-B12 Datasheet HTML 9Page - Keysight Technologies M9336A-B12 Datasheet HTML 10Page - Keysight Technologies M9336A-B12 Datasheet HTML 11Page - Keysight Technologies M9336A-B12 Datasheet HTML 12Page - Keysight Technologies M9336A-B12 Datasheet HTML 13Page - Keysight Technologies M9336A-B12 Datasheet HTML 14Page - Keysight Technologies M9336A-B12 Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11 | Keysight | M9336A I/Q Arbitrary Waveform Generator - Data Sheet
Technical Specifications
Analog Outputs (cont’d)
Differential output characteristics 1
Characteristic
Channels 1 & 2
Channel 3
Nominal output impedance
100 ohm
100 ohm
Nominal amplitude range 2, 4
Without corrections
0 Vpp to 2 Vpp
0 Vpp to 3.6 Vpp
With corrections 3
0 Vpp to 1.6 Vpp
0 Vpp to 2.5 Vpp
Differential offset
Range
±0.35 V
±2.40 V
Adjustment resolution
100 uV
100 uV
Common mode offset
Range
-0.3 to +0.81 V
±1.20 V
Adjustment resolution
100 uV
100 uV
Analog gain
Range
15 dB (min=0.22, max=1.32)
15 dB (min=0.36, max=2.1)
Adjustment resolution
0.0001
0.0001
Digital gain
Range
min=0, max=1
min=0, max=1
Adjustment resolution
0.0001
0.0001
1. Each output terminated with 50 ohms to ground.
2. With maximum analog and default digital gain settings. Higher levels of digital gain are possible depending on signal type. For example, channels 1 and 2
can output a with a 1.3 Vpp sinewave. Using maximum digital gain on complex waveforms with high crest factors may cause signal overload.
3. At maximum sample rate. Reducing sample rate will allow for higher amplitude settings.
4. For channel 3, it is recommended to keep (Vpp X Frequency) <2.5x108 and offsets = 0V to minimize harmonic distortion. If offsets are used, it is recommend-
ed to keep (Vp X Frequency) <4x107


Similar Part No. - M9336A-B12

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
More results

Similar Description - M9336A-B12

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M3201A KEYSIGHT-M3201A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3202A KEYSIGHT-M3202A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
   Arbitrary Waveform Generator
logo
Keysight Technologies
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
   Arbitrary Waveform Generator
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
   Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
   Function/Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com