Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9336A-B12 Datasheet(PDF) 7 Page - Keysight Technologies

Part # M9336A-B12
Description  M9336A PXIe I/Q Arbitrary Waveform Generator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9336A-B12 Datasheet(HTML) 7 Page - Keysight Technologies

Back Button M9336A-B12 Datasheet HTML 3Page - Keysight Technologies M9336A-B12 Datasheet HTML 4Page - Keysight Technologies M9336A-B12 Datasheet HTML 5Page - Keysight Technologies M9336A-B12 Datasheet HTML 6Page - Keysight Technologies M9336A-B12 Datasheet HTML 7Page - Keysight Technologies M9336A-B12 Datasheet HTML 8Page - Keysight Technologies M9336A-B12 Datasheet HTML 9Page - Keysight Technologies M9336A-B12 Datasheet HTML 10Page - Keysight Technologies M9336A-B12 Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
07 | Keysight | M9336A I/Q Arbitrary Waveform Generator - Data Sheet
Soft front panel interface
An easy-to-use soft front panel (SFP) in-
terface for the AWG is a standard interface
provided with the product (Figure 4). The
SFP can be used to control the AWG and
has the following functions:
– Provide an interactive soft front panel
to allow the user to quickly learn how
to use the instrument
– Configure individual channel physical
connections: differential, single-ended
– Load waveform files
– Develop simple or complex waveform
sequences created using waveform
files
– Control the operation of the module
and how to execute the waveforms:
continuous, burst, immediate or
triggered using software or hardware
inputs, sample rate, synchronous or
independent channel operation.
– Configure channel trigger and marker
source and destination
– Monitor driver calls as the AWG is
controlled via the SFP to allow the
user to quickly integrate API calls into
the test development environment
– Provides module utilities such as
self-test and firmware upgrade
Figure 4. M9336A AWG soft front panel
Waveform development
There are different ways to develop waveforms for the M9336A AWG:
– M9099A Waveform Creator: supported via a .csv file
– MATLAB and Keysight IQtools Software: the AWG supports .NET driver access or
through a .csv file format.
– SystemVue: the data for the waveform segment created by SystemVue can be
exported to a .csv file compatible with the AWG
– File import: import a .csv or .bin (N5110) file
– Signal Studio: uses a waveform license that enables the M9336A to accept the
downloading of Signal Studio waveforms (.wfm format). The license supports four
M9336A modules. Order the M9950A to support up to eight M9336A modules.
The following Signal Studio products are supported:
– N7600B W-CDMA/HSPA+
– N7601B CDMA2000®/1xEV-DO
– N7602B GSM/Edge/Evo
– N7608C Custom modulation
– N7612B TD-SCDMA/HSPA
– N7617B WLAN 802.11a/b/g/j/p/n/ac/ah/ax
– N7624B LTE/LTE-Advanced FDD
– N7625B LTE/LTE-Advanced TDD
– N7630C Pre-5G
– N7650B Signal Studio Waveform Licenses
M9336A AWG Software Toolset
IVI drivers
The AWG provides IVI.NET, IVI-C,
and LabVIEW drivers to enable easy
integration into common test development
environments. These drivers are used with
IDE and test development tools such as
Command Expert, LabVIEW, MATLAB, and
Visual Studio.


Similar Part No. - M9336A-B12

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
More results

Similar Description - M9336A-B12

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M3201A KEYSIGHT-M3201A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3202A KEYSIGHT-M3202A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
   Arbitrary Waveform Generator
logo
Keysight Technologies
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
   Arbitrary Waveform Generator
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
   Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
   Function/Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com