Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DH24S15-40 Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # DH24S15-40
Description  2:1 Wide Input Voltage Ranges
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DH24S15-40 Datasheet(HTML) 7 Page - Wall Industries,Inc.

Back Button DH24S15-40 Datasheet HTML 3Page - Wall Industries,Inc. DH24S15-40 Datasheet HTML 4Page - Wall Industries,Inc. DH24S15-40 Datasheet HTML 5Page - Wall Industries,Inc. DH24S15-40 Datasheet HTML 6Page - Wall Industries,Inc. DH24S15-40 Datasheet HTML 7Page - Wall Industries,Inc. DH24S15-40 Datasheet HTML 8Page - Wall Industries,Inc. DH24S15-40 Datasheet HTML 9Page - Wall Industries,Inc. DH24S15-40 Datasheet HTML 10Page - Wall Industries,Inc. DH24S15-40 Datasheet HTML 11Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Rev. A
DH40 Series
Single & Dual Outputs
2:1 Wide Input Ranges
40 Watt DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/31/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 7 of 13
EFFICIENCY CURVES @ 25°C (24VDC INPUT MODELS)
DH24S3.3-26 Efficiency vs Load Current
DH24S5-40 Efficiency vs Load Current
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
24V
36V
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
24V
36V
DH24S12-40 Efficiency vs Load Current
DH24S15-40 Efficiency vs Load Current
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
24V
36V
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
24V
36V
DH24D12-40 Efficiency vs Load Current
DH24D15-40 Efficiency vs Load Current
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
24V
36V
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
24V
36V


Similar Part No. - DH24S15-40

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DH24S15-33HS WALL-DH24S15-33HS Datasheet
2Mb / 11P
   50 Watt DC/DC Power Converters
DH24S15-50 WALL-DH24S15-50 Datasheet
2Mb / 11P
   50 Watt DC/DC Power Converters
DH24S15-50HS WALL-DH24S15-50HS Datasheet
2Mb / 11P
   50 Watt DC/DC Power Converters
More results

Similar Description - DH24S15-40

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DC100 WALL-DC100 Datasheet
655Kb / 8P
   2:1 Wide Input Voltage Ranges
logo
Recom International Pow...
RS3 RECOM-RS3 Datasheet
123Kb / 3P
   2:1 and 3:1 Wide Input Voltage Ranges
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
   2 1 and 3 1 Wide Input Voltage Ranges
RSO RECOM-RSO Datasheet
103Kb / 3P
   2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
   2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
   2:1 Input Voltage Ranges
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
   2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
   2:1 Input Voltage Ranges
LANCY WALL-LANCY Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
CMMM WALL-CMMM Datasheet
272Kb / 7P
   2:1 Input Voltage Ranges 18~30 Watt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com