Electronic Components Datasheet Search |
|
M9380A Datasheet(PDF) 7 Page - Keysight Technologies |
|
M9380A Datasheet(HTML) 7 Page - Keysight Technologies |
7 / 10 page 07 | Keysight | M9300A PXIe Frequency Reference - Data Sheet Software Instrument connection software Keysight IO Library The Suite offers a single entry point for connection to the most common instruments including AXIe, PXI, GPIB, USB, Ethernet/LAN, RS-232, and VXI test instruments from Keysight and other vendors. It automatically discovers interfaces, chassis, and instruments. The graphical user interface allows you to search for, verify and update IVI instrument and soft front panel drivers for modular and traditional instruments. The Suite safely installs in side-by-side mode with NI I/O software. Free software download at www.keysight.com/find/iosuite Module setup and usage Keysight Soft Front Panel The PXI module includes a Soft Front Panel (SFP), a software-based Graphical User Interface (GUI) which enables the instrument’s capabilities from your PC. Included on CD-ROM shipped with module or online Programming Driver Development environments lVI-COM IVI-C LabVIEW MATLAB Visual Studio (VB.NET, C#, C/C++) VEE LabVIEW, LabWindows/CVI, MATLAB Included on CD-ROM shipped with module or online Programming assitance Command Expert Assists in finding the right instrument commands and setting correct parameters. A simple interface includes documentation, examples, syntax checking, command execution and debug tools to build sequences for integration in Excel, MATLAB, Visual Studio, LabVIEW, VEE, SystemVue. Free software download at www.keysight.com/find/commandexpert Calibration and traceability Factory Calibration The M9300A PXIe Frequency Reference ships factory calibrated with an ISO- 9002, NIST-traceable calibration certificate. Included in base configuration Calibration Cycle A one year calibration cycle is recommended Calibration Sites – At Keysight’s Worldwide Service Centers – On-site by Keysight – By self-maintainers More information visit www.keysight.com/find/infoline R1282A Annual Calibration Service – Keysight Calibration – Keysight Calibration + Uncertainties – Keysight Calibration + Uncertainties + Guardbanding – Standards Compliance – ANSI Z540.3-2006, ISO 17025:2005, ANSI Z540-1-1994, ISO 9001:2008 Additional service, not included in the warranty N7800A Calibration and Adjustment Software The M9300A is supported by Keysight’s Calibration and Adjustment Software. This is the same software used at Keysight Service Centers to automate calibration. The software offers compliance tests for ISO 17025:2005, ANSI/NCSL Z540.3-2006, and measurement uncertainty per ISO Guide to Expression of Measurement Uncertainty. Licensed software. For more information, visit www.keysight.com/find/calibrationsoftware Keysight Calibration Status Utility The Keysight Calibration Status utility helps ensure your M9300A is calibrated by managing the calibration interval and providing messages regarding instrument and module calibration status. Included in base configuration |
Similar Part No. - M9380A |
|
Similar Description - M9380A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |