Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCQEB50-48S15 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCQEB50-48S15
Description  Up to 50 Watts Output Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQEB50-48S15 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCQEB50-48S15 Datasheet HTML 1Page - Wall Industries,Inc. DCQEB50-48S15 Datasheet HTML 2Page - Wall Industries,Inc. DCQEB50-48S15 Datasheet HTML 3Page - Wall Industries,Inc. DCQEB50-48S15 Datasheet HTML 4Page - Wall Industries,Inc. DCQEB50-48S15 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev B
DCQEB50 Series
50W, Single Outputs
Quarter-Brick Package
DC/DC Power Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
03/09/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
SPECIFICATIONS: DCQEB50 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24VDC nominal input models
18
24
36
VDC
48VDC nominal input models
36
48
75
Start-up Voltage
24VDC nominal input models
18
VDC
48VDC nominal input models
36
Shutdown Voltage
24VDC nominal input models
15
VDC
48VDC nominal input models
32
Input Surge Voltage
24VDC nominal input models
100ms
50
VDC
48VDC nominal input models
100
Input Current
See Table
Input Filter
L-C Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
Low line to high line at full load
-0.2
+0.2
%
Load Regulation
No load to full load
-0.3
+0.3
%
Voltage Accuracy
-1.5
+1.5
%
Voltage Adjustability (See Note 5)
-20
+10
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Ripple & Noise
Measured at nominal input and full load with 20MHz BW and
1µF M/C and 10µF T/C capacitors in parallel.
100
mVp-p
Transient Response Recovery Time
25% load step change
200
µs
Start-Up Time
Power Up
Nominal input and constant resistive load
25
ms
Remote ON/OFF
25
ms
Remote Sense (See Note 5)
10
% Vo
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Over Voltage Protection Threshold
Non-latching Hiccup
120
% Vo
Over Current Protection Threshold
110
140
% Io
Short Circuit Protection
Hiccup, automatic recovery
Over Temperature Protection
+110
°C
GENERAL SPECIFICATIONS
Efficiency
Nominal input and full load
See Table
Switching Frequency
243
270
297
KHz
Isolation Voltage
Input to Output
For 1 minute
1600
VDC
Input to Base-plate
For 1 minute
1000
VDC
Output to Base-plate
For 1 minute
1000
VDC
Isolation Resistance
10
M
Ω
Isolation Capacitance
2500
pF
REMOTE ON/OFF (See Note 6)
Positive Logic (standard)
DC/DC ON
Open or 3V < Vr < 15V
DC/DC OFF
Short or 0V < Vr < 1.2V
Negative Logic (optional)
DC/DC ON
Short or 0V < Vr < 1.2V
DC/DC OFF
Open or 3V < Vr < 15V
Input Current of Remote Control Pin
Nominal input
-0.5
1
mA
Remote Off Input Current
Nominal input
2.5
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Base-Plate Temperature (See Note 7)
-40
+100
°C
Storage Temperature
-55
+125
°C
Relative Humidity
Non-condensing
5
95
% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF (See Note 1)
BELLCORE TR-NWT-000332
2,500,000
Hours
MIL-HDBK-217F
356,800
Hours
PHYSICAL SPECIFICATIONS
Weight
1.46oz (42g)
Dimensions (L x W x H)
2.28 x 1.45 x 0.50 inches (57.9 x 36.8 x 12.7 mm)
Case Material
Aluminum base-plate
SAFETY & EMC CHARACTERISTICS
Safety Approvals
UL60950-1, IEC60950-1, EN60950-1
(DCQEB50-48S1.8, 48S2.5, 48S3.3, and 48S05 have approvals; approvals pending for all other models)
EMI (See Note 8)
EN55022
Class A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient (See Note 9)
EN61000-4-4
±2KV
Perf. Criteria B
Surge (See Note 9)
EN61000-4-5
±1KV
Perf. Criteria B
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A


Similar Part No. - DCQEB50-48S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQEB100 WALL-DCQEB100 Datasheet
429Kb / 5P
   Up to 100 Watts Output Power
DCQEB125 WALL-DCQEB125 Datasheet
361Kb / 5P
   Up to 125 Watts Output Power
DCQEB125-24S05 WALL-DCQEB125-24S05 Datasheet
361Kb / 5P
   Up to 125 Watts Output Power
DCQEB125-24S12 WALL-DCQEB125-24S12 Datasheet
361Kb / 5P
   Up to 125 Watts Output Power
DCQEB125-24S15 WALL-DCQEB125-24S15 Datasheet
361Kb / 5P
   Up to 125 Watts Output Power
More results

Similar Description - DCQEB50-48S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQEB100 WALL-DCQEB100 Datasheet
429Kb / 5P
   Up to 100 Watts Output Power
DCQEB125 WALL-DCQEB125 Datasheet
361Kb / 5P
   Up to 125 Watts Output Power
logo
Power Mate Technology C...
HEC50-24S1P8 P-DUKE-HEC50-24S1P8 Datasheet
334Kb / 3P
   50 WATTS MAXIMUM OUTPUT POWER
QEB50-24S3P3 P-DUKE-QEB50-24S3P3 Datasheet
313Kb / 4P
   50 WATTS MAXIMUM OUTPUT POWER
logo
Pasternack Enterprises,...
PE6214 PASTERNACK-PE6214 Datasheet
250Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz
PE6169 PASTERNACK-PE6169 Datasheet
178Kb / 3P
   Medium Power 50 Watts RF Load Up To 4 GHz
PE6215 PASTERNACK-PE6215 Datasheet
250Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz
PE6167 PASTERNACK-PE6167_14 Datasheet
206Kb / 3P
   Medium Power 50 Watts RF Load Up To 4 GHz
PE6213 PASTERNACK-PE6213 Datasheet
250Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz
PE6112 PASTERNACK-PE6112_14 Datasheet
179Kb / 2P
   Medium Power 50 Watts RF Load Up To 7 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com