Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCWIM20-24S48C Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCWIM20-24S48C
Description  Fully Regulated Output Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCWIM20-24S48C Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCWIM20-24S48C Datasheet HTML 1Page - Wall Industries,Inc. DCWIM20-24S48C Datasheet HTML 2Page - Wall Industries,Inc. DCWIM20-24S48C Datasheet HTML 3Page - Wall Industries,Inc. DCWIM20-24S48C Datasheet HTML 4Page - Wall Industries,Inc. DCWIM20-24S48C Datasheet HTML 5Page - Wall Industries,Inc. DCWIM20-24S48C Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev A
DCWIM20 SERIES
20 Watts
DC/DC Chassis & DIN-Rail DC/DC Power Module
Single Outputs
3/7/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 6
SPECIFICATIONS
All specifications are based on 25°C, Resistive Load, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
REMOTE ON/OFF CONTROL
Converter On
3.5V~12V or Open Circuit
Converter Off
0V~1.2V or Short Circuit
Control Input Current (On)
Vctrl=5.0V
0.5
mA
Control Input Current (Off)
Vctrl=0V
-0.5
mA
Control Common
Referenced to Negative Input
Standby Input Current
Supply Off & Nominal Vin
3
mA
PROTECTION
Short Circuit Protection
Hiccup Mode 0.25Hz typ.
Automatic Recovery
Over Load Protection
Hiccup
150
%
Over Voltage Protection
Zener Diode Clamp
120
% of Vo
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Natural Convection, Nominal Vin, Load
100% Inom.
12V & 24V Output Models
-40
+87
ºC
5.1V Output Models
-40
+86
48V Output Models
-40
+85
Storage Temperature
-50
+125
ºC
Thermal Impedance
Natural Convection
3.9
ºC/W
100LFM Convection
3.3
200LFM Convection
3.1
400LFM Convection
2.5
Humidity
Non-Condensing
95
%RH
Case Temperature
+95
ºC
Cooling(3)
Natural Convection
MTBF (Calculated)
MIL-HDBK-217F @25ºC, Ground Benign
775,200
Hours
GENERAL SPECIFICATIONS
Efficiency
@Max Load
See Table
Switching Frequency
285
KHz
I/O Isolation Voltage
60 Seconds
2500
VDC
Isolation Resistance
500VDC
1000
M
Ω
Isolation Capacitance
100KHz, 1V
2200
pF
PHYSICAL SPECIFICATIONS
Weight
Chassis Mount
3.77oz (107g)
DIN Rail Mount
5.86oz (166g)
Dimensions (L x W x H)
3.78in x 2.13in x 0.92in
(96mm x 54mm x 23.3mm)
Case Material
Plastic Resin (Flammability to UL 94V-0)
SAFETY CHARACTERISTICS
Safety Approvals
UL/cUL 60950-1 Recognition (UL Certificate)
IEC/EN 60950-1 (CB Report)
EMI
EMI Conducted Class A with no external
components
EN55022, FCC Part 15
Class A
EMI Radiated Class A External Components
EMS
EN55024
ESD
EN61000-4-2 Air ±8kV, Contact ±4kV
A
Radiated Immunity
EN61000-4-3 10V/m
A
Fast Transient
EN61000-4-4 ±2kV
A
Surge
EN61000-4-5 ±2kV
A
Conducted Immunity
EN61000-4-6 10Vrms
A
PFMF
EN61000-4-8 30A/M
A
NOTES
1.
Din Rail Mounting is available for this series. To indicate Din Rail bracket add –D to model number. Ex. DCWIM20-24S51C-D
2.
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3.
Natural Convection is about 20LFM but is not equal to still air (0 LFM).
4.
It is recommended to protect the converter by a slow blow fuse in the input supply line.
5.
Other input and output voltages may be available, please contact factory.
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - DCWIM20-24S48C

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DCW-11-722 MINI-DCW-11-722 Datasheet
533Kb / 6P
   Directional Coupler
DCW-11-722++ MINI-DCW-11-722+ Datasheet
533Kb / 6P
   Directional Coupler
DCW-11-722++ MINI-DCW-11-722+ Datasheet
261Kb / 1P
   Directional Couplers TM
REV. A
DCW-14-472 MINI-DCW-14-472 Datasheet
263Kb / 2P
   Directional Coupler
REV. OR
DCW-14-472++ MINI-DCW-14-472+ Datasheet
263Kb / 2P
   Directional Coupler
REV. OR
More results

Similar Description - DCWIM20-24S48C

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MFW03 MINMAX-MFW03 Datasheet
601Kb / 5P
   fully regulated output voltage
MIDER03-HI MINMAX-MIDER03-HI Datasheet
591Kb / 4P
   fully regulated output voltage
MIE03-HI MINMAX-MIE03-HI Datasheet
733Kb / 4P
   fully regulated output voltage
MIE06-HI MINMAX-MIE06-HI Datasheet
728Kb / 4P
   fully regulated output voltage
MIW10 MINMAX-MIW10 Datasheet
533Kb / 5P
   fully regulated output voltage
MJWI25 MINMAX-MJWI25 Datasheet
404Kb / 10P
   fully regulated output voltage
MKE20-HI MINMAX-MKE20-HI Datasheet
409Kb / 5P
   fully regulated output voltage
MFW02 MINMAX-MFW02 Datasheet
407Kb / 5P
   fully regulated output voltage
MJWI15 MINMAX-MJWI15 Datasheet
502Kb / 10P
   fully regulated output voltage
MKE15-HI MINMAX-MKE15-HI Datasheet
418Kb / 5P
   fully regulated output voltage
MIEI03-HI MINMAX-MIEI03-HI Datasheet
713Kb / 4P
   fully regulated output voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com