Electronic Components Datasheet Search |
|
DCQEB75-48S3.3 Datasheet(PDF) 3 Page - Wall Industries,Inc. |
|
DCQEB75-48S3.3 Datasheet(HTML) 3 Page - Wall Industries,Inc. |
3 / 5 page Rev E DCQEB75 Series 75W, Single Outputs Quarter-Brick Package DC/DC Power Converters Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 03/09/2012 603-778-2300 www.wallindustries.com Fax 603-778-9797 Page 3 of 5 NOTES 1. BELLCORE TR-NWT-000332. Case 1: 80% Stress, Temperature at 40°C. MIL-HDBK-217F Notice2 @Ta=25°C, Full load (Ground, Benign, controlled environment). 2. Maximum value at nominal input voltage and full load. 3. Typical value at nominal input voltage and no load. 4. Typical value at nominal input voltage and full load. 5. Maximum output deviation is +10% inclusive of trim. If remote sense is not being used the +SENSE should be connected to its corresponding +OUTPUT and likewise the -SENSE should be connected to its corresponding –OUTPUT. 6. The remote ON/OFF control pin voltage is referenced to –INPUT. To order negative logic Remote ON/OFF control add the suffix “R” to the model number (Ex: DCQEB75-48S05R). 7. Heatsink is optional and P/N: 7G-0029A-F, 7G-0030A-F, 7G-0031A-F, and 7G-0032A-F. 8. The DCQEB75 series meets EN55022 Class A and Class B only with external components added before the input pins to the converter. 9. An external input filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5. We recommend Nippon chemi-con KY series, 220µF/100V, ESR 48mΩ. 10. BASE-PLATE GROUNDING: EMI can be reduced when you connect the four screw bolts to the shield plane. 11. The converter is provided with basic insulation. 12. Safety Approvals: DCQEB75-48S1.8, 48S2.5, 48S3.3, and 48S05 have safety approvals; approvals pending for all other models. 13. This series comes with several different options: Negative remote ON/OFF control, pin lengths, thru-hole inserts, and heatsinks. CAUTION: The power module is not internally fused. An input line fuse must always be used. DERATING -40 -20 0 20 40 60 80 100 120 24 0 LFM 100 LFM 200 LFM 300 LFM 400 LFM 500 LFM 120 100 80 60 40 20 0 Ambient Temperature (°C) DCQEB75-48S05 Derating Curve 0 LFM 100 LFM 200 LFM 300 LFM 400 LFM 500 LFM 120 100 80 60 40 20 0 Ambient Temperature (°C) DCQEB75-48S05 Derating Curve With Heatsink 7G-0029A-F -40 -20 0 20 40 60 80 100 120 34 MODEL SELECTION TABLE Output Current Input Current Model Number (12) Input Voltage Range Output Voltage Min. load Full load Ripple & Noise (4) No Load (3) Full Load (2) Output Power Efficiency (4) DCQEB75-24S3.3 3.3 VDC 0mA 20A 100mVp-p 65mA 3198mA 66W 89% DCQEB75-24S05 5 VDC 0mA 15A 100mVp-p 110mA 3634mA 75W 90% DCQEB75-24S12 12 VDC 0mA 6.25A 100mVp-p 40mA 3662mA 75W 90% DCQEB75-24S15 24VDC (18 - 36 VDC) 15 VDC 0mA 5A 100mVp-p 50mA 3634mA 75W 90% DCQEB75-48S1.8 1.8 VDC 0mA 25A 100mVp-p 60mA 1157mA 45W 85% DCQEB75-48S2.5 2.5 VDC 0mA 25A 100mVp-p 50mA 1569mA 62.5W 87% DCQEB75-48S3.3 3.3 VDC 0mA 20A 100mVp-p 70mA 1599mA 66W 90% DCQEB75-48S05 5 VDC 0mA 15A 100mVp-p 80mA 1817mA 75W 90% DCQEB75-48S12 12 VDC 0mA 6.25A 100mVp-p 50mA 1831mA 75W 90% DCQEB75-48S15 48 VDC (36 - 75 VDC) 15 VDC 0mA 5A 100mVp-p 50mA 1817mA 75W 90% |
Similar Part No. - DCQEB75-48S3.3 |
|
Similar Description - DCQEB75-48S3.3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |