Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCPSR2-12S6P5 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCPSR2-12S6P5
Description  30 Watts Non-Isolation DC/DC Converter Single Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPSR2-12S6P5 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCPSR2-12S6P5 Datasheet HTML 1Page - Wall Industries,Inc. DCPSR2-12S6P5 Datasheet HTML 2Page - Wall Industries,Inc. DCPSR2-12S6P5 Datasheet HTML 3Page - Wall Industries,Inc. DCPSR2-12S6P5 Datasheet HTML 4Page - Wall Industries,Inc. DCPSR2-12S6P5 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev A
DCPSR2 SERIES
30 Watts
Non-Isolation DC/DC Converter
Single Output
7/10/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
Standard Product
Heatsink (“H” Suffix)
FEATURES
3.0~5.5VDC & 4.6~36VDC Wide
Input Ranges
RoHS & REACH Compliant
Small Size and Low Profile
No Minimum Load Required
Low Standby Power
CE Marked
Optional Heatsink for Cooling
Pin Out Compatible with LM78XX Linear
Regulators
Over Load, Short Circuit, and Over Temperature
Protection
UL60950-1, EN60950-1, and IEC60950-1 Safety
Approvals
DESCRIPTION
The DCPSR2 series of non-isolated DC/DC converters offers up to 30 watts of output
power in an ultra-compact package with an optional heatsink. This series consists of
single output models with wide input voltage ranges and low standby power. Each model
in this series has over load, short circuit, and over temperature protection, is RoHS &
REACH compliant, and has UL60950-1, EN60950-1, and IEC60950-1 safety approvals.
Size: 0.55in x 0.30in
x 0.40in
Size: 1.26in x 0.32in x 0.43in
MODEL SELECTION TABLE
Model Number(1)
Input Voltage
Range
Output
Voltage
Output Current @Full Load Ripple & Noise
Efficiency
Maximum
Capacitor Load
Output
Power
Min. Vin.
Max. Vin.
DCPSR2-5S1P2
3.0~5.5VDC
1.2VDC
2A
50mVp-p
90%
86%
2500µF
Up to 30W
DCPSR2-5S1P5
1.5VDC
2A
50mVp-p
91%
88%
2000µF
DCPSR2-5S1P8
1.8VDC
2A
50mVp-p
92%
90%
1600µF
DCPSR2-5S2P5
3.8~5.5VDC
2.5VDC
2A
50mVp-p
95%
92%
1200µF
DCPSR2-12S1P2
4.6~36VDC
1.2VDC
2A
50mVp-p
84%
75%
2500µF
DCPSR2-12S1P5
1.5VDC
2A
50mVp-p
86%
77%
2000µF
DCPSR2-12S1P8
1.8VDC
2A
50mVp-p
87%
79%
1600µF
DCPSR2-12S2P5
2.5VDC
2A
50mVp-p
89%
83%
1200µF
DCPSR2-12S3P3
4.75~36VDC
3.3VDC
2A
50mVp-p
91%
86%
900µF
DCPSR2-12S5
6.5~36VDC
5.0VDC
2A
50mVp-p
94%
89%
600µF
DCPSR2-12S6P5
9.0~36VDC
6.5VDC
2A
50mVp-p
94%
91%
470µF
DCPSR2-24S9
12~36VDC
9.0VDC
2A
75mVp-p
95%
92%
330µF
DCPSR2-24S12
15~36VDC
12VDC
2A
75mVp-p
95%
93%
270µF
DCPSR2-24S15
18~36VDC
15VDC
2A
75mVp-p
96%
94%
200µF
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
DCPSR2-5S1P2, DCPSR2-5S1P5, and DCPSR2-5S1P8 Models
3.0
5.0
5.5
VDC
DCPSR2-5S2P5 Model
3.8
5.0
5.5
DCPSR2-12S1P2, DCPSR2-12S1P5, DCPSR2-12S1P8, DCPSR2-12S2P5
Models
4.6
12
36
DCPSR2-12S3P3 Model
4.75
12
36
DCPSR2-12S5 Model
6.5
12
36
DCPSR2-12S6P5 Model
9.0
12
36
DCPSR2-24S9 Model
12
24
36
DCPSR2-24S12 Model
15
24
36
DCPSR2-24S15 Model
18
24
36
Input Filter
Capacitor Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-2.0
+2.0
%
Line Regulation
Low Line to High Line at Full Load
-0.5
+0.5
%
Load Regulation
No Load to Full Load
-1.0
+1.0
%
Output Power
See Table
Output Current
See Table
Dynamic Load Response
50% Load Step Change
Peak Deviation
DCPSR2-24XX Models
300
mV
Others
150
Recovery Time
All
150
µS
Ripple & Noise
Measured by 20MHz
Bandwidth
Vout
≤6.5V
50
mVp-p
Vout
≥9.0V
75
Start-Up Time
Constant Resistive Load
Power Up
5
mS
Temperature Coefficient
-0.02
+0.02
%/ºC


Similar Part No. - DCPSR2-12S6P5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPSD12 WALL-DCPSD12 Datasheet
115Kb / 2P
   8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12-1 WALL-DCPSD12-1 Datasheet
115Kb / 2P
   8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12-1-1 WALL-DCPSD12-1-1 Datasheet
115Kb / 2P
   8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12-2 WALL-DCPSD12-2 Datasheet
115Kb / 2P
   8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12-4 WALL-DCPSD12-4 Datasheet
115Kb / 2P
   8 Watts Non-Isolated In Car DC/DC Supply Single Output
More results

Similar Description - DCPSR2-12S6P5

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SSR01 P-DUKE-SSR01_14 Datasheet
368Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
SSR01 P-DUKE-SSR01 Datasheet
417Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
PSR1.0 P-DUKE-PSR1.0 Datasheet
464Kb / 2P
   NON- ISOLATION DC-DC CONVERTER
NSR01 P-DUKE-NSR01_14 Datasheet
928Kb / 3P
   NON-ISOLATION DC-DC CONVERTER
PSR1.0 P-DUKE-PSR1.0_14 Datasheet
462Kb / 3P
   NON-ISOLATION DC-DC CONVERTER
NSR01 P-DUKE-NSR01 Datasheet
763Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
logo
List of Unclassifed Man...
QEB50-48S05 ETC-QEB50-48S05 Datasheet
104Kb / 2P
   50 WATTS SINGLE OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
RBA1P2 WALL-RBA1P2 Datasheet
295Kb / 4P
   1.2 Watts DC/DC Converter Single Output
logo
HITRON ELECTRONICS CORP...
HDM30-S HITRON-HDM30-S Datasheet
691Kb / 6P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 30 WATTS SINGLE OUTPUT
logo
Power Mate Technology C...
FEC30 P-DUKE-FEC30_14 Datasheet
334Kb / 3P
   30 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com