Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCPSR2-12S1P5 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCPSR2-12S1P5
Description  30 Watts Non-Isolation DC/DC Converter Single Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPSR2-12S1P5 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCPSR2-12S1P5 Datasheet HTML 1Page - Wall Industries,Inc. DCPSR2-12S1P5 Datasheet HTML 2Page - Wall Industries,Inc. DCPSR2-12S1P5 Datasheet HTML 3Page - Wall Industries,Inc. DCPSR2-12S1P5 Datasheet HTML 4Page - Wall Industries,Inc. DCPSR2-12S1P5 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev A
DCPSR2 SERIES
30 Watts
Non-Isolation DC/DC Converter
Single Output
7/10/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 5
MODEL NUMBER SETUP
DCPSR2
-
5
S
1P5
H
Series Name
Input Voltage
Output Quantity
Ouptut Voltage
Remote On/Off & Pin Length
5: 3.0~5.5VDC
S: Single
1P2: 1.2VDC
Blank: No Heatsink
3.8~5.5VDC
1P5: 1.5VDC
H: Heatsink
12: 4.6~36VDC
1P8: 1.8VDC
4.75~36VDC
2P5: 2.5VDC
6.5~36VDC
3P3: 3.3VDC
9.0~36VDC
05: 5VDC
24: 12~36VDC
6P5: 6.5VDC
15~36VDC
09: 9VDC
18~36VDC
12: 12VDC
15: 15VDC
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - DCPSR2-12S1P5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPSD12 WALL-DCPSD12 Datasheet
115Kb / 2P
   8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12-1 WALL-DCPSD12-1 Datasheet
115Kb / 2P
   8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12-1-1 WALL-DCPSD12-1-1 Datasheet
115Kb / 2P
   8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12-2 WALL-DCPSD12-2 Datasheet
115Kb / 2P
   8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12-4 WALL-DCPSD12-4 Datasheet
115Kb / 2P
   8 Watts Non-Isolated In Car DC/DC Supply Single Output
More results

Similar Description - DCPSR2-12S1P5

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SSR01 P-DUKE-SSR01_14 Datasheet
368Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
SSR01 P-DUKE-SSR01 Datasheet
417Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
PSR1.0 P-DUKE-PSR1.0 Datasheet
464Kb / 2P
   NON- ISOLATION DC-DC CONVERTER
NSR01 P-DUKE-NSR01_14 Datasheet
928Kb / 3P
   NON-ISOLATION DC-DC CONVERTER
PSR1.0 P-DUKE-PSR1.0_14 Datasheet
462Kb / 3P
   NON-ISOLATION DC-DC CONVERTER
NSR01 P-DUKE-NSR01 Datasheet
763Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
logo
List of Unclassifed Man...
QEB50-48S05 ETC-QEB50-48S05 Datasheet
104Kb / 2P
   50 WATTS SINGLE OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
RBA1P2 WALL-RBA1P2 Datasheet
295Kb / 4P
   1.2 Watts DC/DC Converter Single Output
logo
HITRON ELECTRONICS CORP...
HDM30-S HITRON-HDM30-S Datasheet
691Kb / 6P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 30 WATTS SINGLE OUTPUT
logo
Power Mate Technology C...
FEC30 P-DUKE-FEC30_14 Datasheet
334Kb / 3P
   30 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com