Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMQ50-110S12 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCMQ50-110S12
Description  50 Watts DC/DC Railway Converter Single Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMQ50-110S12 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCMQ50-110S12 Datasheet HTML 1Page - Wall Industries,Inc. DCMQ50-110S12 Datasheet HTML 2Page - Wall Industries,Inc. DCMQ50-110S12 Datasheet HTML 3Page - Wall Industries,Inc. DCMQ50-110S12 Datasheet HTML 4Page - Wall Industries,Inc. DCMQ50-110S12 Datasheet HTML 5Page - Wall Industries,Inc. DCMQ50-110S12 Datasheet HTML 6Page - Wall Industries,Inc. DCMQ50-110S12 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev A
DCMQ50 SERIES
50 Watts
DC/DC Railway Converter
Single Output
8/15/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 7
SPECIFICATIONS
All specifications are based on 25°C, Resistive Load, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
REMOTE ON/OFF CONTROL
Converter On
3.5V~12V or Open Circuit
Converter Off
0V~1.2V or Short Circuit
Control Input Current (On)
Vctrl=5.0V
0.5
mA
Control Input Current (Off)
Vctrl=0V
-0.5
mA
Control Common
Referenced to Negative Input
Standby Input Current
Nominal Vin
2.5
mA
PROTECTION
Short Circuit Protection
Hiccup Mode 0.5Hz typ.
Automatic Recovery
Over Load Protection
Hiccup
150
%
Over Voltage Protection
See Table
Over Temperature Protection
Base Plate
+110
ºC
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Min
Max.
Unit
Without
Heatsink
With
Heatsink
Natural Convection,
Nominal Vin, Load 100%
Inom.
DCMQ50-72S12, 72S15, 110S15
-40
72
75
ºC
DCMQ50- 72S24, 110S12, 110S24
-40
68
71
DCMQ50-72S05, 110S05
-40
63
67
Storage Temperature
-50
+125
ºC
Thermal Impedance
Natural Convection without Heatsink
7.5
ºC/W
Natural Convection with Heatsink
6.8
100LFM Convection without Heatsink
6.1
100LFM Convection with Heatsink
4.1
200LFM Convection without Heatsink
5.3
200LFM Convection with Heatsink
3.3
400LFM Convection without Heatsink
3.9
400LFM Convection with Heatsink
2.2
Base-Plate Temperature Range
-40
+105
Operation Humidity
Non-Condensing
5
95
%RH
Lead Temperature
1.5mm for Case for 10Sec.
260
ºC
Cooling
Compliance to IEC/EN60068-2-1
Dry Heat
Compliance to IEC/EN60068-2-2
Damp Heat
Compliance to IEC/EN60068-2-30
Shock & Vibration Test
Compliance to IEC/EN 61373
Fire Protection
Compliance to EN45545-2
MTBF
MIL-HDBK-217F@25ºC Full Load, Ground Benign
314,900 Hours
GENERAL SPECIFICATIONS
Typical Efficiency
@Max Load
See Table
Switching Frequency
320
KHz
Isolation Voltage
Reinforced Insulation, Rated for 60 Seconds
3000
VACrms
Isolation Resistance
500VDC
1000
M
Ω
Isolation Capacitance
100KHz, 1V
3000
pF
PHYSICAL SPECIFICATIONS
Weight
2.15oz (61g)
Dimensions (L x W x H)
2.28in x 1.45in x 0.50in
(57.9mm x 36.8mm x 12.7mm)
Case Material
Aluminum Frame with Black Anodized Coating
Base Material
Top Side
Aluminum Plate
Bottom Side
Non-Conductive Black Plastic Base Plate
Potting Material
Epoxy (UL94-V0)
SAFETY CHARACTERISTICS
Safety Approvals
cUL/UL 60950-1, IEC/EN 60950-1, EN50155, IEC60571
EMI
Conduction & Radiation: EN55022, EN55011, FCC Part 15
Class A
ESD
EN61000-42
Air±8kV
Contact±6kV
Class A
Radiated Immunity
EN61000-4-3
10V/m
Class A
Fast Transient(5)
EN61000-4-4
±2kV
Class A
Surge(5)
EN61000-4-5
±2kV
Class A
Conducted Immunity
EN61000-4-6
10Vrms
Class A


Similar Part No. - DCMQ50-110S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMQ75 WALL-DCMQ75 Datasheet
525Kb / 7P
   75 Watts DC/DC Railway Converter Single Output
DCMQ75-110S05 WALL-DCMQ75-110S05 Datasheet
525Kb / 7P
   75 Watts DC/DC Railway Converter Single Output
DCMQ75-110S12 WALL-DCMQ75-110S12 Datasheet
525Kb / 7P
   75 Watts DC/DC Railway Converter Single Output
DCMQ75-110S15 WALL-DCMQ75-110S15 Datasheet
525Kb / 7P
   75 Watts DC/DC Railway Converter Single Output
DCMQ75-110S24 WALL-DCMQ75-110S24 Datasheet
525Kb / 7P
   75 Watts DC/DC Railway Converter Single Output
More results

Similar Description - DCMQ50-110S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMQ75 WALL-DCMQ75 Datasheet
525Kb / 7P
   75 Watts DC/DC Railway Converter Single Output
logo
List of Unclassifed Man...
QEB50-48S05 ETC-QEB50-48S05 Datasheet
104Kb / 2P
   50 WATTS SINGLE OUTPUT DC-DC CONVERTER
logo
Mean Well Enterprises C...
RSD-300 MEANWELL-RSD-300 Datasheet
214Kb / 4P
   300W Railway Single Output DC-DC Converter
RSD-200 MEANWELL-RSD-200 Datasheet
288Kb / 7P
   200W Railway Single Output DC-DC Converter
logo
Powerbox
PB271 POWERBOX-PB271 Datasheet
478Kb / 2P
   100-150 WATTS DC/DC SINGLE OUTPUT RAILWAY
logo
Mean Well Enterprises C...
RSD-100 MEANWELL-RSD-100_12 Datasheet
282Kb / 2P
   100W Railway Single Output DC-DC Converter
RSD-200 MEANWELL-RSD-200_12 Datasheet
305Kb / 2P
   200W Railway Single Output DC-DC Converter
RSD-100 MEANWELL-RSD-100 Datasheet
259Kb / 2P
   100W Railway Single Output DC-DC Converter
RSD-150 MEANWELL-RSD-150 Datasheet
256Kb / 2P
   150W Railway Single Output DC-DC Converter
RSD-150 MEANWELL-RSD-150_12 Datasheet
236Kb / 2P
   150W Railway Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com