Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCPSD60-6 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCPSD60-6
Description  25~40 Watts Non-Isolated In Car DC/DC Supply Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPSD60-6 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCPSD60-6 Datasheet HTML 1Page - Wall Industries,Inc. DCPSD60-6 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev B
DCPSD60 SERIES
25~40 Watts
Non-Isolated In Car DC/DC Supply
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 2
Size: 4.23in x 2.64in x 1.42in (107.5mm x 67mm x 36mm)
FEATURES
Single Output
60 Watts of Output Power
11 to 15VDC Input Voltage
Range
Compact Package
Compact Package
Optional Input and Output Connectors
High Efficiency and Reliability
Weight 7.1~8.8oz (200~250g)
Dimensions: 4.23in x 2.64in x 1.42in
DESCRIPTION
The DCPSD60 series of non-isolated in car DC/DC supplies offers 60 watts of
output power in a 4.23in x 2.64in x 1.42in compact package. This series consists
of single output models with an input voltage range of 11 to 15VDC. Each model
has high efficiency and high reliability and optional input and output connectors are
available. Please contact factory for further information.
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage Range(1)
Output Current
Output Power
Min Load
Max Load
DCPSD60-5
11-15VDC
18~21VDC
2.86A
3.34A
60W
DCPSD60-6
21~27VDC
2.22A
2.86A
60W
DCPSD60-7
27~33VDC
1.81A
2.22A
60W
NOTES
1.
Output voltage is specified as a range. The output voltage can be set at any voltage within its specified range. User must specify what they would
like the voltage set at.
2.
Optional input and output connectors available, please call factory for details.
*Due to advances in technology, specifications subject to change without notice.
MECHANICAL DRAWINGS


Similar Part No. - DCPSD60-6

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPSD12 WALL-DCPSD12 Datasheet
115Kb / 2P
   8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12-1 WALL-DCPSD12-1 Datasheet
115Kb / 2P
   8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12-1-1 WALL-DCPSD12-1-1 Datasheet
115Kb / 2P
   8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12-2 WALL-DCPSD12-2 Datasheet
115Kb / 2P
   8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12-4 WALL-DCPSD12-4 Datasheet
115Kb / 2P
   8 Watts Non-Isolated In Car DC/DC Supply Single Output
More results

Similar Description - DCPSD60-6

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPSD40 WALL-DCPSD40 Datasheet
116Kb / 2P
   25~40 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD25 WALL-DCPSD25 Datasheet
119Kb / 2P
   18~25 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12 WALL-DCPSD12 Datasheet
115Kb / 2P
   8 Watts Non-Isolated In Car DC/DC Supply Single Output
logo
ETA-USA
OCH40S ETA-USA-OCH40S Datasheet
548Kb / 6P
   DC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 40 WATTS
logo
Powerbox
MAH36 POWERBOX-MAH36 Datasheet
519Kb / 2P
   25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
logo
Wall Industries,Inc.
DCBYB100 WALL-DCBYB100 Datasheet
548Kb / 7P
   100 Watts Isolated DC/DC Converter Single Output
logo
Artesyn Technologies
SIL25C ARTESYN-SIL25C Datasheet
705Kb / 11P
   Single negative output 25 A DC-DC Converter C Class Non-Isolated
logo
Murata Manufacturing Co...
UEI25 MURATA-UEI25 Datasheet
1Mb / 23P
   Single Output Isolated 25-Watt DC/DC Converters
UEI25-120 MURATA-UEI25-120 Datasheet
301Kb / 11P
   Single Output Isolated 25-Watt DC/DC Converters
logo
Wall Industries,Inc.
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
   2A Non-Isolated DC/DC Converter Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com