Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8177AMX330TCG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8177AMX330TCG
Description  Linear Voltage Regulator Fast Transient Response
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8177AMX330TCG Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8177AMX330TCG Datasheet HTML 1Page - ON Semiconductor NCV8177AMX330TCG Datasheet HTML 2Page - ON Semiconductor NCV8177AMX330TCG Datasheet HTML 3Page - ON Semiconductor NCV8177AMX330TCG Datasheet HTML 4Page - ON Semiconductor NCV8177AMX330TCG Datasheet HTML 5Page - ON Semiconductor NCV8177AMX330TCG Datasheet HTML 6Page - ON Semiconductor NCV8177AMX330TCG Datasheet HTML 7Page - ON Semiconductor NCV8177AMX330TCG Datasheet HTML 8Page - ON Semiconductor NCV8177AMX330TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NCV8177
www.onsemi.com
5
TYPICAL CHARACTERISTICS
VIN = VOUT−NOM + 0.5 V or VIN = 1.6 V (whichever is higher), VEN = 1.2 V, IOUT = 1 mA, CIN = COUT = 1.0 mF, TJ = 25°C
Figure 3. Output Voltage vs. Temperature
Figure 4. Output Voltage vs. Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
0.680
0.685
0.690
0.695
0.700
0.705
80
60
40
20
0
−20
−40
1.76
1.77
1.78
1.79
1.80
1.81
Figure 5. Output Voltage vs. Temperature
Figure 6. Line Regulation vs. Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
3.24
3.25
3.27
3.33
3.29
3.30
3.32
80
60
40
20
0
−20
−40
−0.10
−0.08
−0.04
−0.02
0
0.02
0.06
0.10
Figure 7. Load Regulation vs. Temperature
Figure 8. Dropout Voltage vs. Output Current
TEMPERATURE (
°C)
OUTPUT CURRENT (mA)
80
60
40
20
0
−20
−40
−5
−4
−2
−1
0
2
3
5
500
400
300
200
100
0
0
100
150
200
3.26
3.28
3.31
VOUT−NOM = 0.7 V
VOUT−NOM = 1.8 V
VOUT−NOM = 3.3 V
−0.06
0.04
0.08
VOUT−NOM = 3.3 V
VIN = 3.8 V to 5.25 V
VOUT−NOM = 3.3 V
IOUT = 1 mA to 500 mA
−3
1
4
50
250
VOUT−NOM = 1.8 V
TJ = 125°C
TJ = 25°C
TJ = −40°C
100
120
0.710
1.82
100
120
100
120
100
120
100
120


Similar Part No. - NCV8177AMX330TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8177AMX330TCG ONSEMI-NCV8177AMX330TCG Datasheet
277Kb / 11P
   Linear Voltage Regulator Fast Transient Response 500 mA with Enable
May, 2016 ??Rev. 0
NCV8177AMX330TCG ONSEMI-NCV8177AMX330TCG Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
More results

Similar Description - NCV8177AMX330TCG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
logo
ON Semiconductor
NCP177 ONSEMI-NCP177 Datasheet
584Kb / 11P
   Linear Voltage Regulator - Fast Transient Response, Enable
October, 2019 ??Rev. 5
logo
List of Unclassifed Man...
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
Richtek Technology Corp...
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
   600mA, Ultra-Fast Transient Response Linear Regulator
logo
List of Unclassifed Man...
PS22921 ETC2-PS22921 Datasheet
468Kb / 8P
   12V, 500mA Fast Transient Response Linear Regulator
logo
Texas Instruments
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177 Datasheet
277Kb / 11P
   Linear Voltage Regulator Fast Transient Response 500 mA with Enable
May, 2016 ??Rev. 0
logo
National Semiconductor ...
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38511-ADJ NSC-LP38511-ADJ Datasheet
403Kb / 14P
   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38511-ADJ TI1-LP38511-ADJ_16 Datasheet
1Mb / 23P
[Old version datasheet]   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com